Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 6Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 7Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 8Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 9Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 10Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 11Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 12Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 13Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, the key for the condition is (VA = VIO = VREF) / ODR (SPS) / buffer / calibration / gain . Boldface
limits apply for TMIN ≤ TA ≤ TMAX; the typical values apply for TA = +25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Differential Input
ODR = 13.42 SPS
ZIN
15.4
MOhm
Impedance
Capacitance of the
5V / 214.65 / OFF / OFF / 1
CINP
4
pF
Positive Input
Capacitance of the
5V / 214.65 / OFF / OFF / 1
CINN
4
pF
Negative Input
3V & 5V / 13.42 / ON / OFF / 1-8
500
pA
Input Leakage
IIN
Current
3V & 5V / 13.42 / ON / OFF / 16 - 128
100
pA
DIGITAL INPUT CHARACTERISTICS at VA = VIO = VREF = 3.0V
Logical "1" Input
VIH
0.7 x VIO
V
Voltage
Logical "0" Input
VIL
0.3 x VIO
V
Voltage
Digital Input
IIL
-10
+10
µA
Leakage Current
Digital Input
VHYST
0.1 x VIO
V
Hysteresis
DIGITAL OUTPUT CHARACTERISTICS at VA = VIO = VREF = 3.0V
Logical "1" Output
Source 300 µA
VOH
2.6
V
Voltage
Logical "0" Output
Sink 300 µA
VOL
0.4
V
Voltage
TRI-
IOZH,
STATE®Leakage
-10
10
µA
IOZL
Current
TRI-STATE
COUT
(3)
5
pF
Capacitance
EXCITATION CURRENT SOURCES CHARACTERISTICS (LMP90100/LMP90098 only)
0, 100, 200,
Excitation Current
300, 400, 500,
IB1, IB2
µA
Source Output
600, 700, 800,
900, 1000
VA = VREF = 3V
-7
2.5
7
%
IB1/IB2 Tolerance
VA = VREF = 5V
-3.5
0.2
3.5
%
IB1/IB2 Output
VA = 3.0V & 5.0V, IB1/IB2 = 100 µA to
VA - 0.8
V
Compliance Range 1000 µA
VA = 5.0V, IB1/IB2 = 100 µA to 1000
IB1/IB2 Regulation
0.07
% / V
µA
VA = 3.0V
95
ppm/°C
IBTC
IB1/IB2 Drift
VA = 5.0V
60
ppm/°C
(3)
This parameter is specified by design and/or characterization and is not tested in production.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com