Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 45 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 41Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 42Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 43Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 44Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 45Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 46Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 47Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 48Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
R/WB = Read/Write Data
0: Write Data
1: Read Data
7
[3:0]
[23:0]
0
0x2
SZ = Size
0x0: 1 byte
0x1: 2 bytes
0x2: 3 bytes
0x3: Streaming ± 3+ bytes until CSB is de-asserted
[6:5]
4
0
0xF
The 1
st
Data Byte will be written to ADDR 0x1F, the 2
nd
Data Byte will
be written to ADDR 0x20, and the 3
rd
Data Byte will be written to ADR
0x21. After this process, deassert CSB.
Instruction Byte 2 (INST2)
Data Bytes
[7:0]
[7:3]
[2:0]
0x0
0x1
Instruction Byte 1 (INST1)
Upper Address Byte (UAB)
R/WB = Read/Write Address
0x10: Write Address
0x90: Read Address
0x10
Transaction 2 ± Data Access
Transaction 1 ± URA Setup ± necessary only when the previous URA is different than the desired URA.
-8,388,608d
1d
ADC_DOUT
- 16, 777, 215d
VIN
8,388,607d
|
(VREF - 1LSB)
|
(-VREF +1LSB)
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Figure 63. ADC_DOUT vs. VIN of a 24-Bit Resolution (VREF = 5.5V, Gain = 1).
REGISTER READ/WRITE EXAMPLES
Writing to Register Examples
Using the register read/write protocol shown in Figure 51, the following example shows how to write three data
bytes starting at register address (ADDR) 0x1F. After the last byte has been written to ADDR 0x21, deassert
CSB to end the register-write.
Figure 64. Register-Write Example 1
The next example shows how to write one data byte to ADDR 0x12. Since the URA for this example is the same
as the last example, transaction 1 can be omitted.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com