Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 57 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 53Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 54Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 55Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 56Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 57Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 58Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 59Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 60Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Table 16. CH_SCAN: Channel Scan Mode (Address 0x1F) (continued)
Bit
Bit Symbol
Bit Description
Starting channel for conversion
0x0 (default): CH0
0x1: CH1
0x2: CH2
FIRST_CH
0x3: CH3
[2:0]
(CH4 to CH6 for LMP90100 and
0x4: CH4
LMP90099 only)
0x5: CH5
0x6: CH6
Note: FIRST_CH cannot be greater than LAST_CH. For example, if FIRST_CH = CH1, then
LAST_CH cannot be CH0. If 0x7 is written it is ignored.
Note: While writing to the CH_SCAN register, if 0x7 is written to FIRST_CH or LAST_CH the write to the entire
CH_SCAN register is ignored.
Table 17. CHx_INPUTCN: Channel Input Control (CH4 to CH6 for LMP90100/LMP9099 only)(1)
Bit
Bit Symbol
Bit Description
Enable sensor diagnostic
7
BURNOUT_EN
0 (default): Disable Sensor Diagnostics current injection for this Channel
1: Enable Sensor Diagnostics current injection for this Channel
Select the reference
6
VREF_SEL
0 (Default): Select VREFP1 and VREFN1
1: Select VREFP2 and VREFN2
Positive input select
0x0: VIN0
0x1: VIN1
0x2: VIN2
0x3: VIN3 (LMP90100/LMP90099 only)
[5:3]
VINP
0x4: VIN4 (LMP90100/LMP90099 only)
0x5: VIN5 (LMP90100/LMP90099 only)
0x6: VIN6
0x7: VIN7
Note: to see the default values for each channel, refer to the table below.
Negative input select
0x0: VIN0
0x1: VIN1
0x2: VIN2
0x3: VIN3 (LMP90100/LMP90099 only)
[2:0]
VINN
0x4: VIN4 (LMP90100/LMP90099 only)
0x5: VIN5 (LMP90100/LMP90099 only)
0x6: VIN6
0x7: VIN7
Note: to see the default values for each channel, refer to the table below.
(1)
Register Address (hex):
(a) CH0: 0x20
(b) CH1: 0X22
(c) CH2: 0x24
(d) CH3: 0x26
(e) CH4: 0x28
(f) CH5: 0x2A
(g) CH6: 0x2C
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com