Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 56 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 52Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 53Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 54Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 55Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 56Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 57Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 58Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 59Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Table 13. ADC_DONE: ADC Data Available (Address 0x18)
Bit
Bit Symbol
Bit Description
Data Available – indicates if new conversion data is available
[7:0]
DT_AVAIL_B
0x00
− 0xFE: Available
0xFF: Not available
Table 14. ADC_DOUT: 24-bit Conversion Data (two’s complement) (Address 0x1A - 0x1C)
Address
Name
Register Description
0x1A
ADC_DOUTH
ADC Conversion Data [23:16]
0x1B
ADC_DOUTM
ADC Conversion Data [15:8]
0x1C
ADC_DOUTL
ADC Conversion Data [7:0]
Note: Repeat reads of these registers are allowed as long as such reads are spaced apart by at least 72 µs.
CHANNEL CONFIGURATION REGISTERS
Table 15. CH_STS: Channel Status (Address 0x1E)
Bit
Bit Symbol
Bit Description
[7:2]
Reserved
-
Channel Scan Not Ready – indicates if it is okay to program CH_SCAN
1
CH_SCAN_NRDY
0: Update not pending, CH_SCAN register is okay to program
1: Update pending, CH_SCAN register is not ready to be programmed
Invalid or Repeated Read Status
0
INV_OR_RPT_RD_STS
0: ADC_DOUT just read was valid and hitherto unread
1: ADC_DOUT just read was either invalid (not ready) or there was a repeated read.
Table 16. CH_SCAN: Channel Scan Mode (Address 0x1F)
Bit
Bit Symbol
Bit Description
Channel Scan Select
0x0 (default): ScanMode0: Single-Channel Continuous Conversion
[7:6]
CH_SCAN_SEL
0x1: ScanMode1: One or more channels Single Scan
0x2: ScanMode2: One or more channels Continuous Scan
0x3: ScanMode3: One or more channels Continuous Scan with Burnout Currents
Last channel for conversion
0x0: CH0
0x1: CH1
0x2: CH2
LAST_CH
0x3: CH3
[5:3]
(CH4 to CH6 for LMP90100 and
0x4: CH4
LMP90099 only)
0x5: CH5
0x6 (default): CH6
Note: LAST_CH cannot be smaller than FIRST_CH. For example, if LAST_CH = CH5, then
FIRST_CH cannot be CH6. If 0x7 is written it is ignored.
56
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com