Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 25Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 26Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 27Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 28Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 29Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 30Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 31Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 32Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
Yes
Set
BGCALCN = 10b to
operate the device in
BgcalMode2
No
Is the channel
JDLQ • 16x?
Set CH_SCAN_SEL = 10b to
operate the device in
ScanMode2. Set FIRST_CH &
LAST_CH accordingly.
Set FGA_BGCAL = 0 (default)
Correct FGA
error?
Yes
No
Set
FGA_BGCAL = 1 to
correct for FGA error
using the last known
coefficients.
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
The benefits of using type 2 calibration is a higher throughput, lower power consumption, and slightly better
noise. The exact savings would depend on the number of channels being scanned, and the ODR and gain of
each channel.
Using Background Calibration:
There are four modes of background calibration, which can be programmed using the BGCALCN bits. They are
as follows:
1. BgcalMode0: Background Calibration OFF
2. BgcalMode1: Offset Correction / Gain Estimation
3. BgcalMode2: Offset Correction / Gain Correction
–
Follow Figure 45 to set other appropriate registers when using this mode.
4. BgcalMode3: Offset Estimation / Gain Estimation
Figure 45. BgcalMode2 Register Settings
If operating in BgcalMode2, four channels (with the same ODR) are being converted, and FGA_BGCAL = 0
(default), then the ODR is reduced by:
1. 0.19% of 1.6775 SPS
2. 0.39% of 3.355 SPS
3. 0.78% of 6.71 SPS
4. 1.54% of 13.42 SPS
5. 3.03% of 26.83125 SPS
6. 5.88% of 53.6625 SPS
7. 11.11% of 107.325 SPS
8. 20% of 214.65 SPS
System Calibration
The LMP90xxx provides some unique features to support easy system offset and system gain calibrations.
The System Calibration Offset Registers (CHx_SCAL_OFFSET) hold the System Calibration Offset Coefficients
in 24-bit, two's complement binary format. The System Calibration Gain Registers (CHx_SCAL_GAIN) hold the
System Calibration Gain Coefficient in 24-bit, 1.23, unsigned, fixed-point binary format. For each channel, the
System Calibration Offset coefficient is subtracted from the conversion result prior to the division by the System
Calibration Gain Coefficient.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com