Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 23Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 24Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 25Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 26Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 27Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 28Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 29Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 30Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
40
45
50
55
60
65
70
-140
-120
-100
-80
-60
-40
-20
0
FREQUENCY (Hz)
Crystal = 3.5717 MHz
Crystal = 3.6864 MHz
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-120
-80
-40
0
FREQUENCY (Hz)
107.325 SPS
214.65 SPS
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Figure 41. Digital Filter Response 107.325 SPS and 214.65 SPS
If the internal CLK is not being used and the external CLK is not 3.5717 MHz, then the filter response would be
the same as the response shown above, but the frequency will change according to the equation:
fNEW = [(CLKEXT) / 256 ] x (fOLD / 13.952k)
(11)
Using the equation above, an example of the filter response for a 3.5717 MHz XTAL versus a 3.6864 MHz XTAL
can be seen in Figure 42.
Figure 42. Digital Filter Response for a 3.5717MHz versus 3.6864 MHz XTAL
GPIO (D0–D6)
Pins D0-D6 are general purpose input/output (GPIO) pins that can be used to control external LEDs or switches.
Only a high or low value can be sourced to or read from each pin.
Figure 43 shows a flowchart how these GPIOs can be programmed.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com