Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 47 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 43Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 44Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 45Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 46Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 47Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 48Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 49Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 50Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
7
[3:0]
[47:0]
0
0x3
[6:5]
4
0
0x8
The 1
st
Data Byte will be written to ADDR 0x28, the 2
nd
Data Byte will be
written to ADDR 0x29, etc. The last and 6
th
Data Byte will be written to
ADDR 0x2D. After this process, deassert CSB.
Instruction Byte 2 (INST2)
Data Bytes
[7:0]
[7:3]
[2:0]
0x0
0x2
Instruction Byte 1 (INST1)
Upper Address Byte (UAB)
0x10
Transaction 2 ± Data Access
Transaction 1 ± URA Setup ± necessary only when the previous URA is different than the desired URA.
R/WB = Read/Write Address
0x10: Write Address
0x90: Read Address
R/WB = Read/Write Data
0: Write Data
1: Read Data
SZ = Size
0x0: 1 byte
0x1: 2 bytes
0x2: 3 bytes
0x3: Streaming ± 3+ bytes until CSB is de-asserted
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
STREAMING EXAMPLES
Normal Streaming Example
This example shows how to write six data bytes starting at ADDR 0x28 using the Normal Streaming mode.
Because the default STRM_TYPE is the Normal Streaming mode, setting up the SPI_STREAMCN register can
be omitted.
Figure 67. Normal Streaming Example
Controlled Streaming Example
This example shows how to read the 24-bit conversion data (ADC_DOUT) four times using the Controlled
Streaming mode. The ADC_DOUT registers consist of ADC_DOUTH at ADDR 0x1A, ADC_DOUTM at ADDR
0x1B, and ADC_DOUTL at ADDR 0x1C.
The first step (Figure 68) sets up the SPI_STREAMCN register. This step enters the Controlled Streaming mode
by setting STRM_TYPE high in ADDR 0x03. Since three registers (ADDR 0x1A - 0x1C) need to be read, the
STRM_RANGE is 2.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com