| Electronic Components Datasheet Search |
|
LMP90100MHE/NOPB Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP90100MHE/NOPB Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 69 page ![]() Active Power-down Stand-by PWRCN = 01b PWRCN = 11b PWRCN = 00b PWRCN = 00b 1/ODR 1/ODR CH0 CH1 SDO LSB Reading ADC_DOUT of CH0 MSB MSB LSB Reading ADC_DOUT of CH1 Reading SPI_CRC_DAT MSB MSB LSB LSB Reading SPI_CRC_DAT LMP90100 SNAS510P – JANUARY 2011 – REVISED MARCH 2013 www.ti.com Figure 61. Timing Protocol for Reading SPI_CRC_DAT beyond normal DRDYB deassertion at every 1/ODR seconds Follow the steps below to enable CRC: 1. Set SPI_CRC_CN = 1 (register 0x13, bit 4) to enable CRC. 2. Set DRDYB_AFT_CRC = 1 (register 0x13, bit 2) to dessert the DRDYB after CRC. 3. Compute the CRC externally, which should include CH_STS, ADC_DOUTH, ADC_DOUTM , and ADC_DOUTL. 4. Collect the data and verify the reported CRC matches with the computed CRC (step above). POWER MANAGEMENT The device can be placed in Active, Power-Down, or Stand-By state. In Power-Down, the ADC is not converting data, contents of the registers are unaffected, and there is a drastic power reduction. In Stand-By, the ADC is not converting data, but the power is only slightly reduced so that the device can quickly transition into the active state if desired. These states can be selected using the PWRCN register. When written, PWRCN brings the device into the Active, Power-Down, or Stand-By state. When read, PWRCN indicates the state of the device. The read value would confirm the write value after a small latency (approximately 15 µs with the internal CLK). It may be appropriate to wait for this latency to confirm the state change. Requests not adhering to this latency requirement may be rejected. It is not possible to make a direct transition from the power-down state to the stand-by state. This state diagram is shown below. Figure 62. Active, Power-Down, Stand-by State Diagram RESET and RESTART Writing 0xC3 to the REG_AND_CNV_RST field will reset the conversion and most of the programmable registers to their default values. The only registers that will not be reset are the System Calibration Registers (CHx_SCAL_OFFSET, CHx_SCAL_GAIN) and the DT_AVAIL_B bit. 42 Submit Documentation Feedback Copyright © 2011–2013, Texas Instruments Incorporated Product Folder Links: LMP90100 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |