Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 13Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 14Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 15Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 16Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 17Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 18Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 19Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 20Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
-5
-3
-1
1
3
5
0
500
1000
1500
2000
2500
3000
VOUT (PV)
VA = 3V
-5
-3
-1
1
3
5
0
500
1000
1500
2000
2500
3000
VOUT (PV)
VA = 3V
0
200
400
600
800
1000
-4
-3
-2
-1
0
1
2
3
4
TIME (ms)
VA = 3V
0
200
400
600
800
1000
-4
-3
-2
-1
0
1
2
3
4
TIME (ms)
VA = 3V
-25
-15
-5
5
15
25
35
0
500
1000
1500
2000
VOUT (PV)
VA = 3V
-25
-15
-5
5
15
25
35
0
500
1000
1500
2000
VOUT (#V)
VA = 3V
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted, specified limits apply for VA = VIO = VREF = 3.0V. The maximum and minimum values apply for TA
= TMIN to TMAX; the typical values apply for TA = +25°C.
Histogram without Calibration at Gain = 8
Histogram with Calibration at Gain = 8
Figure 10.
Figure 11.
Noise Measurement without Calibration at Gain = 128
Noise Measurement without Calibration at Gain = 128
Figure 12.
Figure 13.
Histogram without Calibration at Gain = 128
Histogram with Calibration at Gain = 128
Figure 14.
Figure 15.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com