Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP90100MHE/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 21Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 22Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 23Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 24Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 25Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 26Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 27Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 28Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
0
12
24
36
48
60
72
84
96
108
120
-120
-100
-80
-60
-40
-20
0
FREQUENCY (Hz)
6.71 SPS
13.42 SPS
0
12
24
36
48
60
72
84
96
108
120
-120
-100
-80
-60
-40
-20
0
FREQUENCY (Hz)
1.6775 SPS
3.355 SPS
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Note that these ODRs are meant for a single channel conversion; the ODR needs to be divided by n for n
channels scanning. For example, if the ADC were running at 214.65 SPS and four channels are being scanned,
then the ODR per channel would be 214.65/4 = 53.6625 SPS.
Digital Filter
The LMP90xxx has a fourth order rotated sinc filter that is used to configure various ODRs and to reject power
supply frequencies of 50Hz and 60Hz. The 50/60 Hz rejection is only effective when the device is operating at
ODR
≤ 13.42 SPS. If the internal CLK or the external CLK of 3.5717 MHz is used, then the LMP90xxx will have
the frequency response shown in Figure 37 to Figure 41.
Figure 37. Digital Filter Response, 1.6775 SPS and 3.355 SPS
Figure 38. Digital Filter Response, 6.71 SPS and 13.42 SPS
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com