Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 20 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 20 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 24Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
SFR
19
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
03C016
03C116
03C216
03C316
03C416
03C516
03C616
03C716
03C816
03C916
03CA16
03CB16
03CC16
03CD16
03CE16
03CF16
03D016
03D116
03D216
03D316
03D416
03D516
03D616
03D716
03D816
03D916
03DA16
03DB16
03DC16
03DD16
03DE16
03DF16
03E016
03E116
03E216
03E316
03E416
03E516
03E616
03E716
03E816
03E916
03EA16
03EB16
03EC16
03ED16
03EE16
03EF16
03F016
03F116
03F216
03F316
03F416
03F516
03F616
03F716
03F816
03F916
03FA16
03FB16
03FC16
03FD16
03FE16
03FF16
Note 1: The blank areas are reserved and cannot be used by users.
Note 2: At hardware reset 1 or hardware reset 2, the register is as follows:
• “000000002” where “L” is inputted to the CNVSS pin
• “000000102” where “H” is inputted to the CNVSS pin
At software reset, watchdog timer reset and oscillation stop detection reset, the register is as follows:
• “000000002” where the PM01 to PM00 bits in the PM0 register are “002” (single-chip mode)
• “000000102” where the PM01 to PM00 bits in the PM0 register are “012” (memory expansion mode) or
“112” (microprocessor mode)
X : Nothing is mapped to this bit
? : Undefined
A-D register 7
AD7
????????2
XXXXXX??2
A-D register 0
AD0
????????2
XXXXXX??2
A-D register 1
AD1
????????2
XXXXXX??2
A-D register 2
AD2
????????2
XXXXXX??2
A-D register 3
AD3
????????2
XXXXXX??2
A-D register 4
AD4
????????2
XXXXXX??2
A-D register 5
AD5
????????2
XXXXXX??2
A-D register 6
AD6
????????2
XXXXXX??2
A-D control register 0
ADCON0
00000???2
D-A register 0
DA0
??16
D-A register 1
DA1
??16
D-A control register
DACON
0016
A-D control register 2
ADCON2
0016
A-D control register 1
ADCON1
0016
Port P0 register
P0
??16
Port P0 direction register
PD0
0016
Port P1 register
P1
??16
Port P1 direction register
PD1
0016
Port P2 register
P2
??16
Port P2 direction register
PD2
0016
Port P3 register
P3
??16
Port P3 direction register
PD3
0016
Port P4 register
P4
??16
Port P4 direction register
PD4
0016
Port P5 register
P5
??16
Port P5 direction register
PD5
0016
Port P6 register
P6
??16
Port P6 direction register
PD6
0016
Port P7 register
P7
??16
Port P7 direction register
PD7
0016
Port P8 register
P8
??16
Port P8 direction register
PD8
00X000002
Port P9 register
P9
??16
Port P9 direction register
PD9
0016
Port P10 register
P10
??16
Port P10 direction register
PD10
0016
Pull-up control register 0
PUR0
0016
Pull-up control register 1
PUR1
000000002
000000102
Pull-up control register 2
PUR2
0016
Port control register
PCR
0016
Port P14 control register
PC14
XX00XXXX2
Pull-up control register 3
PUR3
0016
Port P11 register
P11
??16
Port P12 register
P12
??16
Port P13 register
P13
??16
Port P11 direction register
PD11
0016
Port P12 direction register
PD12
0016
Port P13 direction register
PD13
0016
Register
Symbol
After reset
Address
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com