Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 45 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 45 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 49Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 349 page
background image
44
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory Space Expansion Function
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Memory Space Expansion Function
The following describes a memory space extension function.
During memory expansion or microprocessor mode, the memory space expansion function allows the
access space to be expanded using the appropriate register bits.
Table 1.8.1 shows the way of setting memory space expansion function, memory spaces.
Table 1.8.1. The Way of Setting Memory Space Expansion Function, Memory Space
Memory space expansion function
How to set (PM15 to PM14)
Memory space
1 Mbytes mode
002
1 Mbytes (no expansion)
4 Mbytes mode
112
4 Mbytes
(1) 1 Mbyte Mode
In this mode, the memory space is 1 Mbytes. In 1 Mbyte mode, the external area to be accessed is
______
______
specified using the CSi (i = 0 to 3) signals (hereafter referred to as the CSi area). Figures 1.8.2 to 1.8.3
_____
show the memory mapping and CS area in 1 Mbyte mode.
(2) 4 Mbyte Mode
In this mode, the memory space is 4 Mbytes. Figure 1.8.1 shows the DBR register. The BSR2 to BSR0
bits select a bank number which is to be accessed to read or write data. Setting the OFS bit to “1” (with
offset) allows the accessed address to be offset by 4000016.
______
In 4 Mbyte mode, the CSi (i=0 to 3) pin functions differently for each area to be accessed.
Addresses 0400016 to 3FFFF16, C000016 to FFFFF16
______
______
• The CSi signal is output from the CSi pin (same operation as 1 Mbyte mode. However the last address
_______
of CS1 area is 3FFFF16)
Addresses 4000016 to BFFFF16
______
• The CS0 pin outputs “L”
______
______
• The CS1 to CS3 pins output the value of the BSR2 to BSR0 bits (bank number)
______
Figures 1.8.4 to 1.8.5 show the memory mapping and CS area in 4 Mbyte mode. Note that banks 0 to 6
______
are data-only areas. Locate the program in bank 7 or the CSi area.
Figure 1.8.1. DBR Register
Data bank register (Note)
Symbol
Address
After reset
DBR
000B16
0016
Bit name
Description
Bit symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
OFS
Offset bit
0: Not offset
1: Offset
BSR0
Bank selection bits
0 0 0: Bank 0
0 0 1: Bank 1
0 1 0: Bank 2
0 1 1: Bank 3
1 0 0: Bank 4
1 0 1: Bank 5
1 1 0: Bank 6
1 1 1: Bank 7
Nothing is assigned. When write, set to “0”. When read, its content is
“0”.
Nothing is assigned. When write, set to “0”. When read, its content is
“0”.
b5 b4 b3
b5 b4 b3
RW
RW
BSR1
BSR2
(b1-b0)
(b7-b6)
RW
RW
Note : Effective when the PM01 to PM00 bits are set to “012” (memory expansion mode) or “112” (microprocessor
mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com