Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 79 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 79 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 83Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupts
78
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Interrupt source
Vector table addresses
Remarks
Reference
Address (L) to address (H)
Undefined instruction FFFDC16 to FFFDF16
Interrupt on UND instruction
M16C/60, M16C/20
Overflow
FFFE016 to FFFE316
Interrupt on INTO instruction
serise software
BRK instruction
FFFE416 to FFFE716
maual
Address match
FFFE816 to FFFEB16
Address match interrupt
Single step (Note)
FFFEC16 to FFFEF16
Watchdog timer
FFFF016 to FFFF316
Watchdog timer
Oscillation stop and
re-oscillation detection
Clock generating circuit
Power supply down
detection
Voltage detection circuit
________
DBC (Note)
FFFF416 to FFFF716
_______
NMI
FFFF816 to FFFFB16
_______
NMI interrupt
Reset
FFFFC16 to FFFFF16
Reset
Note: Do not normally use this interrupt because it is provided exclusively for use by development sup-
port tools.
Figure 1.11.2. Interrupt Vector
Mid address
Low address
0 0 0 0
High address
0 0 0 0
0 0 0 0
Vector address (L)
LSB
MSB
Vector address (H)
Interrupts and Interrupt Vector
One interrupt vector consists of 4 bytes. Set the start address of each interrupt routine in the respective
interrupt vectors. When an interrupt request is accepted, the CPU branches to the address set in the
corresponding interrupt vector. Figure 1.11.2 shows the interrupt vector.
• Fixed Vector Tables
The fixed vector tables are allocated to the addresses from FFFDC16 to FFFFF16. Table 1.11.1 lists
the fixed vector tables. In the flash memory version of microcomputer, the vector addresses (H) of
fixed vectors are used by the ID code check function. For details, refer to the section "flash memory
rewrite disabling function".
Table 1.11.1. Fixed Vector Tables
If the contents of address
FFFE716 is FF16, program ex-
ecution starts from the address
shown by the vector in the
relocatable vector table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com