Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 56 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 56 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 60Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 349 page
background image
Clock Generation Circuit
55
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
b7
b6
b5
b4
b3
b2
b1
b0
RW
CM20
CM21
Oscillation stop detection register (Note 1)
Symbol
Address
After reset
CM2
000C16
0X0000002(Note 11)
Bit name
Function
Bit symbol
System clock select bit 2
(Notes 2, 3, 6, 8, 11)
0: Oscillation stop, re-oscillation
detection function disabled
1: Oscillation stop, re-oscillation
detection function enabled
0: Main clock or PLL clock (Ring
oscillator turned off)
1: Ring oscillator clock
(Ring oscillator oscillating)
Oscillation stop, re-
oscillation detection bit
(Notes 7, 9, 10, 11)
Note 1: Write to this register after setting the PRC0 bit of PRCR register to “1” (write enable).
Note 2: When the CM20 bit is “1” (oscillation stop, re-oscillation detection function enabled), the CM27 bit is “1”
(oscillation stop, re-oscillation detection interrupt), and the CPU clock source is the main clock, the
CM21 bit is set to “1” (ring oscillator clock) if the main clock stop is detected.
Note 3: If the CM20 bit is “1” and the CM23 bit is “1” (main clock turned off), do not set the CM21 bit to “0”.
Note 4: This bit becomes “1” at main clock stop detection and main clock re-oscillation detection. When this bit
changes from “0” to “1”, there arise oscillation stop, re-oscillation detection interrupt. Use this register to
discriminate the causes for oscillation stop, re-oscillation detection interrupt and watchdog timer interrupt
in the interrupt processing program. By writing “0” in the program, this bit becomes “0”. (Even when “1” is
written in the program, no change is identified for the bit. Also, this bit is not set to “0” where there occur
oscillation stop, re-oscillation detection interrupt.) When the CM22 bit is “1”, no oscillation stop, re-
oscillation detection interrupt occur even if oscillation stop or re-oscillation is detected.
Note 5: Read the CM23 bit in an oscillation stop, re-oscillation detection interrupt handling routine to determine
the main clock status.
Note 6: Effective when the CM07 bit of CM0 register is “0”.
Note 7: When the PM21 bit of PM2 register is “1” (clock modification disabled), writing to the CM20 bit has no
effect.
Note 8: Where the CM20 bit is “1” (oscillation stop, re-oscillation detection function enabled), the CM27 bit is “1”
(oscillation stop, re-oscillation detection interrupt), and the CM11 bit is “0” (the CPU clock source is PLL
clock), the CM21 bit remains unchanged even when main clock stop is detected. If the CM22 bit is “0”
under these conditions, oscillation stop, re-oscillation detection interrupt occur at main clock stop
detection; it is, therefore, necessary to set the CM21 bit to “1” (ring oscillator clock) inside the interrupt
routine.
Note 9: Set the CM20 bit to “0” (disable) before entering stop mode. After exiting stop mode, set the CM20 bit
back to “1” (enable).
Note 10: Set the CM20 bit to “0” (disable) before setting the CM05 bit of CM0 register.
Note 11: The CM20, CM21 and CM27 bits do not change at oscillation stop detection reset.
CM22
CM23
Oscillation stop, re-
oscillation detection flag
0: Main clock stop, re-oscillation
not detected
1: Main clock stop, re-oscillation
detected
0: Main clock oscillating
1: Main clock turned off
XIN monitor flag
(Note 4)
CM27
0: Oscillation stop detection reset
1: Oscillation stop, re-oscillation
detection interrupt
Nothing is assigned. When write, set to “0”. When read, its
content is indeterminate.
Operation select bit
(when an oscillation stop,
re-oscillation is detected)
(Note 11)
RW
RW
RW
RW
RO
(b6)
(Note 5)
Reserved bit
(b5-b4)
Must set to “0”
RW
00
Figure 1.9.4. CM2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com