Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 55 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 55 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 59Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock Generation Circuit
54
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
System clock control register 1 (Note 1)
Symbol
Address
After reset
CM1
000716
001000002
Bit
name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
CM10
All clock stop control bit
(Notes 4, 6)
0 : Clock on
1 : All clocks off (stop mode)
Note 1: Write to this register after setting the PRC0 bit of PRCR register to “1” (write enable).
Note 2: When entering stop mode from high or middle speed mode, or when the CM05 bit is set to “1” (main clock turned off) in low
speed mode, the CM15 bit is set to “1” (drive capability high).
Note 3: Effective when the CM06 bit is “0” (CM16 and CM17 bits enable).
Note 4: If the CM10 bit is “1” (stop mode), XOUT goes “H” and the internal feedback resistor is disconnected. The XCIN and XCOUT
pins are placed in the high-impedance state. When the CM11 bit is set to “1” (PLL clock), or the CM20 bit of CM2 register is
set to “1” (oscillation stop, re-oscillation detection function enabled), do not set the CM10 bit to “1”.
Note 5: After setting the PLC07 bit in PLC0 register to “1” (PLL operation), wait until Tsu (PLL) elapses before setting the CM11 bit to
“1” (PLL clock).
Note 6: When the PM21 bit of PM2 register is set to “1” (clock modification disable), writing to the CM10, CM011 bits has no effect.
When the PM22 bit of PM2 register is set to “1” (watchdog timer count source is ring oscillator clock), writing to the CM10 bit
has no effect.
Note 7: Effective when CM07 bit is “0” and CM21 bit is “0” .
CM15
XIN-XOUT drive capacity
select bit (Note 2)
0 : LOW
1 : HIGH
RW
CM16
CM17
Reserved bit
Must set to
“0”
Main clock division
select bit 1 (Note 3)
0 0 : No division mode
0 1 : Division by 2 mode
1 0 : Division by 4 mode
1 1 : Division by 16 mode
b7 b6
0
00
CM11
System clock select bit 1
(Notes 6, 7)
0 : Main clock
1 : PLL clock (Note 5)
RW
RW
RW
RW
RW
RW
(b4-b2)
Figure 1.9.3. CM1 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com