Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 70 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 70 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 74Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 349 page
background image
Clock Generation Circuit
69
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Figure 1.9.11. State Transition in Normal Mode
CM04=0
CPU clock: f(PLL)
CM07=0
CM06=0
CM17=0
CM16=0
PLL operation mode
CM07=0
CM06=0
CM17=0
CM16=0
CM07=0
CM17=0
CM06=0
CM16=0
CM07=0
CM17=0
CM06=0
CM16=1
CM07=0
CM17=1
CM06=0
CM16=0
CM07=0
CM06=1
CM07=0
CM17=1
CM06=0
CM16=1
High-speed mode
CM07=0
CM17=0
CM06=0
CM16=0
CM07=0
CM17=0
CM06=0
CM16=1
CM07=0
CM17=1
CM06=0
CM16=0
CM07=0
CM06=1
CM07=0
CM17=1
CM06=0
CM16=1
CM07=0
Low-speed mode
CM07=0
Low power dissipation mode
CM06=1
CM15=1
Ring oscillator mode
CPU clock
Ring oscillator
mode
CPU clock
CPU clock
Ring oscillator
low power
dissipation mode
CPU clock
CM07=0
Low-speed mode
CM07=0
Low power
dissipation mode
CM06=1
CM15=1
PLC07=1
CM11=1
(Note 6)
PLC07=0
CM11=0
(Note 7)
CM04=0
PLC07=1
CM11=1
PLC07=0
CM11=0
CM04=0
CM04=1
CM04=1
CM04=1
CM04=0
CM04=1
CM07=0
(Note 2, Note 4)
CM07=1
(Note 3)
CM05=1
(Note 1)
CM05=0
CM05=0
CM05=1
(Note 1)
CM21=0
(Note 8)
CM21=1
CM21=0
(Note 8)
CM21=1
CM21=0
CM21=1
CM21=0
CM21=1
Main clock oscillation
Ring oscillator clock
oscillation
Sub clock oscillation
f(Ring)
f(Ring)/2
f(Ring)/4
f(Ring)/8
f(Ring)/16
f(Ring)
f(Ring)/2
f(Ring)/4
f(Ring)/8
f(Ring)/16
f(Ring)
f(Ring)/2
f(Ring)/4
f(Ring)/8
f(Ring)/16
f(Ring)
f(Ring)/2
f(Ring)/4
f(Ring)/8
f(Ring)/16
PLL operation
mode
CPU clock: f(PLL)
CPU clock: f(XIN)
High-speed mode
Middle-speed mode
(divide by 2)
CPU clock: f(XIN)/2
CPU clock: f(XIN)/4
CPU clock: f(XIN)/8
CPU clock: f(XIN)/16
CPU clock: f(XCIN)
CPU clock: f(XCIN)
CPU clock: f(XCIN)
CPU clock: f(XCIN)
CM05=0
M0
M
CM05=1
(Note 1)
CM05=1
(Note 1)
CM05=0
(Note 6)
(Note 7)
Middle-speed mode
(divide by 4)
Middle-speed mode
(divide by 8)
Middle-speed mode
(divide by 16)
Middle-speed mode
(divide by 2)
Middle-speed mode
(divide by 4)
Middle-speed mode
(divide by 8)
Middle-speed mode
(divide by 16)
CPU clock: f(XIN)
CPU clock: f(XIN)/2
CPU clock: f(XIN)/4
CPU clock: f(XIN)/8
CPU clock: f(XIN)/16
Ring oscillator low power
dissipation mode
Notes:
1: Avoid making a transition when the CM20 bit is set to “1” (oscillation stop, re-oscillation detection function enabled).
Set the CM20 bit to “0” (oscillation stop, re-oscillation detection function disabled) before transiting.
2: Switch clock after oscillation of main clock is sufficiently stable.
3: Switch clock after oscillation of sub-clock is sufficiently stable.
4: Change CM17 and CM16 before changing CM06.
5: Transit in accordance with arrow.
6: PLL operation mode can only be entered from high speed mode. Also, wait until the PLL clock is sufficiently stable before changing operation modes.
To select a 16 MHz or higher PLL clock, set the PM20 bit to “0” (SFR accessed with two wait states) before setting PLC07 to “1” (PLL operation).
7: PLL operation mode can only be changed to high speed mode. If the PM20 bit = 0 (SFR accessed with two wait states), set PLC07 to “0” (PLL turned off)
before setting the PM20 bit to “1” (SFR accessed with one wait state).
8: Set the CM06 bit to “1” (division by 8 mode) before changing back the operation mode from ring oscillator mode to high- or middle-speed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com