Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 26 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 26 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 30Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 349 page
background image
Reset
25
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Figure 1.5.6. VCR1 Register, VCR2 Register, and D4INT Register
VC13
Power supply detection register 1
Symbol
Address
After reset (Note 2)
VCR1
001916
000010002
Power supply down monitor
flag (Note 1)
Bit name
Function
Bit symbol
RW
b7
b
6
b
5
b4
b
3
b
2
b1
b
0
Note 1: The VC13 bit is useful when the VC27 bit of VCR2 register is set to “1” (power supply down detection circuit
enable). The VC13 bit is always “1” (VCC1 4 V) when the VC27 bit in the VCR2 register is set to “0” (power
supply down detection circuit disable).
Note 2: This register does not change at software reset, watchdog timer reset and oscillation stop detection reset.
0:VCC1 < Vdet4
1:VCC1
Vdet4
RO
0 0 0 0
0 0 0
RW
RW
Reserved bit
Reserved bit
Must set to “0”
Must set to “0”
Power supply detection register 2 (Note 1)
Symbol
Address
After reset (Note 6)
VCR2
001A16
0016
Bit name
Bit symbol
b7
b
6
b
5
b4
b
3
b
2
b1
b
0
Note 1: Write to this register after setting the PRC3 bit in the PRCR register to “1” (write enable).
Note 2: To use hardware reset 2, set the VC26 bit to “1” (reset level detection circuit enable).
Note 3: To use hardware reset 2 in stop mode, set the VC25 bit to “1” (RAM retention limit detection circuit enable).
VC26 bit is disabled in stop mode. (The microcomputer is not reset even if the voltage input to Vcc1 pin
becomes lower than Vdet3.)
Note 4: To use the WDC5 bit in the WDC register, set the VC25 bit to “1” (RAM retention limit detection circuit enable).
Note 5: Where the VC13 bit in the VCR1 register and D42 bit in the D4INT register are used or the D40 bit is set to “1”
(power supply down detection interrupt enable), set the VC27 bit to “1” (power supply down detection circuit
enable).
Note 6: This register does not change at software reset, watchdog timer reset and oscillation stop detection reset.
Note 7: The detection circuit does not start operation until td(E-A) elapses after the VC25 bit, VC26 bit, or VC27 bit is
set to “1”.
VC25
RAM retention limit
detection monitor bit
(Notes 3, 4, 7)
0: Disable RAM retention limit
detection circuit
1: Enable RAM retention limit
detection circuit
VC26
VC27
RW
RW
RW
RW
RW
0 0 0 0 0
Function
Reserved bit
Must set to “0”
Reset level monitor bit
(Notes 2, 3, 7)
0: Disable reset level detection
circuit
1: Enable reset level detection
circuit
Power supply down monitor
bit (Note 5)
0: Disable power supply down
detection circuit
1: Enable power supply down
detection circuit
(b2-b0)
(b7-b4)
(b4-b0)
D40
Power supply down detection interrupt register (Note 1)
Symbol
Address
After reset
D4INT
001F16
0016
Power supply down detection
interrupt enable bit (Note 5)
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
0 :
Disable
1 :
Enable
D41
STOP mode deactivation
control bit
(Note 4)
0: Disable (do not use the power
supply down detection
interrupt to get out of stop mode)
1: Enable (use the power supply
down detection interrupt to get
out of stop mode)
D42
Power supply change
detection flag (Note 2)
0: Not detected
1: Vdet4 passing detection
D43
WDT overflow detect flag
0: Not detected
1: Detected
DF0
Sampling clock select bit
00 : CPU clock divided by 8
01 : CPU clock divided by 16
10 : CPU clock divided by 32
11 : CPU clock divided by 64
DF1
Note 1: Write to this register after setting the PRC3 bit in the PRCR register to “1” (write enable).
Note 2: Useful when the VC27 bit in the VCR2 register is set to “1” (power supply down detection circuit enabled).
If the VC27 bit is set to “0” (power supply down detection circuit disable), the D42 bit is set to “0” (Not
detect).
Note 3: This bit is set to “0” by writing a “0” in a program. (Writing a “1” has no effect.)
Note 4: If the power supply down detection interrupt needs to be used to get out of stop mode again after once
used for that purpose, reset the D41 bit by writing a “0” and then a “1”.
Note 5: The D40 bit is useful where the VC27 bit in the VCR2 register is set to “1”.
b5b4
RW
RW
RW
RW
(Note 3)
RW
RW
RW
(b7-b6)
Function
(Note 3)
Nothing is assigned. When write, set to “0”. When read, its
content is “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com