Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 94 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 94 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 98Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 349 page
background image
Interrupts
93
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Precautions for Interrupts
(1) Reading Address 0000016
• Do not read the address 0000016 in a program. When a maskable interrupt request is accepted, the
CPU reads interrupt information (interrupt number and interrupt request priority level) from the address
0000016 during the interrupt sequence. At this time, the IR bit for the accepted interrupt is cleared to “0”.
If the address 0000016 is read in a program, the IR bit for the interrupt which has the highest priority
among the enabled interrupts is cleared to “0”. This causes a problem that the interrupt is canceled, or
an unexpected interrupt is generated.
(2) SP Setting
• Set any value in the SP before accepting an interrupt. The SP is cleared to ‘000016’ after reset. There-
fore, if an interrupt is accepted before setting any value in the SP, the program may go out of control.
_______
Especially when using NMI interrupt, set a value in the SP at the beginning of the program. For the first
_______
and only the first instruction after reset, all interrupts including NMI interrupt are disabled.
_______
(3) NMI Interrupt
_______
_______
• The NMI interrupt cannot be disabled. If this interrupt is unused, connect the NMI pin to VCC via a
resistor (pull-up).
_______
• The input level of the NMI pin can be read by accessing the P8 register’s P8_5 bit. Note that the P8_5 bit
_______
can only be read when determining the pin level after an NMI interrupt is generated.
_______
• Stop mode cannot be entered into while input on the NMI pin is low. This is because while input on the
_______
NMI pin is low the CM1 register’s CM10 bit is fixed to “0”.
_______
_______
• Do not go to wait mode while input on the NMI pin is low. This is because when input on the NMI pin
goes low, the CPU stops but CPU clock remains active; therefore, the current consumption in the chip
does not drop. In this case, normal condition is restored by an interrupt generated thereafter.
_______
• The low and high level durations of the input signal to the NMI pin must each be 2 CPU clock cycles +
300 ns or more.
_____
(4) INT Interrupt
________
• Either an “L” level or an “H” level of at least 250 ns width is necessary for the signal input to the INT0
________
through INT5 pins regardless of the CPU clock.
________
________
• When the polarity of the INT0 to INT5 pins is changed, the IR bit is sometimes set to “1” (=interrupt
requested). After changing the polarity, set the IR bit to “0” (=interrupt not requested). Figure 1.11.13
______
shows the procedure for changing the INT interrupt generate factor.
______
Figure 1.11.14. Switching Procedure for INT Interrupt Request
Set the ILVL2 to ILVL0 bits to '0002' (= level 0)
(Disable INT interrupt)
Set the POL bit
Set the ILVL2 to ILVL0 bits to
'0012' (=level 1) to '1112' (=level 7)
(Enable the accepting of INT interrupt request)
Set the I flag to “0” (=disable interrupt)
Set the I flag to “1” (= enable interrupt)
Note: Execute the setting above individually. Do not execute two or
more settings at once (by one instruction).
Set the IR bit to “0” (=interrupt not requested)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com