Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 27 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 27 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 31Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
26
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Figure 1.5.7. Typical Operation of Hardware Reset 2
Vdet4
Vdet3
5.0V
5.0V
VCC1
Internal reset signal
VC13 bit
VC26 bit
VC27 bit
Set to “1” in a program (reset level detection circuit enable)
Set to “1” in a program
(power supply down detection circuit enable)
Typical operation 1 of hardware reset 2
5.0V
5.0V
VCC1
WDC5 bit
VC13 bit
VC25 bit
VC27 bit
Set to “1” in a program (warm start)
Set to “1” in a program
(RAM retention limit detection circuit enable)
Set to “1” in a program
(power supply down detection circuit enable)
Typical operation 2 of hardware reset 2
Internal reset signal
CM10 bit
Set to “1” in a program (stop mode)
VSS
undefined
undefined
undefined
undefined
undefined
undefined
undefined
undefined
RESET
Vdet4
Vdet3s
VSS
Vdet2
RESET
Vdet3s
Vdet3r
Vdet3r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com