Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 93 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 93 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 97Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupts
92
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Bit name
Bit symbol
Symbol
Address
After reset
AIER
000916
XXXXXX002
Address match interrupt enable register
Function
RW
Address match interrupt 0
enable bit
0 : Interrupt disabled
1 : Interrupt enabled
AIER0
Address match interrupt 1
enable bit
AIER1
Symbol
Address
After reset
RMAD0
001216 to 001016
X0000016
RMAD1
001616 to 001416
X0000016
RMAD2
01BA16 to 01B816
X0000016
RMAD3
01BE16 to 01BC16
X0000016
b7
b6
b5
b4
b3
b2
b1
b0
Address setting register for address match interrupt
Function
Setting range
Address match interrupt register i (i = 0 to 3)
0000016 to FFFFF16
0 : Interrupt disabled
1 : Interrupt enabled
b0 b7
b0
b3
(b19)
(b16)
b7
b0
(b15)
(b8)
b7
(b23)
Bit name
Bit symbol
Symbol
Address
After reset
AIER2
01BB16
XXXXXX002
Address match interrupt enable register 2
Function
RW
Address match interrupt 2
enable bit
0 : Interrupt disabled
1 : Interrupt enabled
AIER20
Address match interrupt 3
enable bit
AIER21
b7
b6
b5
b4
b3
b2
b1
b0
0 : Interrupt disabled
1 : Interrupt enabled
RW
RW
(b7-b2)
RW
RW
(b7-b2)
RW
RW
Nothing is assigned.
When write, set to “0”.
When read, their contents are indeterminate.
Nothing is assigned.
When write, set to “0”.
When read, their contents are indeterminate.
Nothing is assigned.
When write, set to “0”.
When read, their contents are indeterminate.
Figure 1.11.13. AIER Register, AIER2 Register and RMAD0 to RMAD3 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com