Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 29 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 29 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 33Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
28
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
2. Limitations on WAIT Instruction
If the WAIT instruction is executed when the VC13 bit in the VCR1 register is “1” (VCC1
≥ Vdet4) while the
VC27 bit in the VCR2 register is “1” (power supply down detection circuit enable) and the D40 bit in the
D4INT register is “1” (power supply down detection interrupt enable), a power supply down detection
interrupt is immediately generated, causing the microcomputer to exit wait mode.
In systems where the microcomputer enters wait mode when the input voltage at the VCC1 pin drops
below Vdet4 and exits wait mode when the input voltage rises to Vdet4 or more, make sure the WAIT
instruction is executed when VC13 bit is “0” (VCC1 < Vdet4).
Figure 1.5.8. Power Supply Down Detection Interrupt Generation Block
Power supply down detection interrupt generation circuit
Oscillation stop,
re-oscillation
detection
interrupt signal
Watchdog timer block
This bit is set to “0”(not detected) by writing a “0” in a program.
D43
D41
CM02
WAIT instruction(wait mode)
D40
VC27
VCC1
VREF
+
-
(Rejection wide:200 ns)
VC13
“H” when VC27
bit= 0 (disabled)
Noise rejection
circuit
Digital
filter
BCLK
D42
DF1, DF0
1/2
002
012
102
112
1/2
1/2
1/8
Noise
rejection
Power supply
down
detection
signal
Watchdog timer
underflow signal
D42 bit is set to “0”(not detected) by
writing a “0” in a program. VC27 bit
is set to “0” (power supply down
detection circuit disabled), the D42
bit is set to “0”.
Power supply down detection circuit
Power supply
down detection
interrupt signal
Watchdog
timer interrupt
signal
Non-maskable
interrupt signal
Figure 1.5.9. Power Supply Down Detection Interrupt Generation Circuit Operation Example
Output of the digital filter (Note 2)
D42 bit
Note 1 : D40 is “1”(power supply down detection interrupt enabled)
Note 2 : Output of the digital filter shown in Figure 1.5.8.
Power supply down detection
interrupt signal
No power supply down detection interrupt signals
are generated when the D42 bit is “H”.
sampling
Set to “0” in a
program (not
detected)
VC13 bit
VCC1
sampling
sampling
sampling
Set to “0” in a
program (not
detected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com