Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 40 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 40 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 44Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 349 page
background image
Bus
39
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Processor mode
Memory expansion mode or microprocessor mode
Memory expansion
mode
002(separate bus)
PM05–PM04 bits
012(CS2 is for multiplexed bus and
others are for separate bus)
102(CS1 is for multiplexed bus and
others are for separate bus)
Data bus width
8 bits
“H”
BYTE pin
P00 to P07
D0 to D7
D0 to D7
D0 to D7
D0 to D7
I/O ports
P10 to P17
I/O ports
D8 to D15
I/O ports
D8 to D15
I/O ports
P20
A0
A0
A0/D0(Note 2)
A0
A0/D0
P21 to P27
A1 to A7
A1 to A7
A1 to A7/D1 to D7
(Note 2)
A1 to A7/D0 to D6
(Note 2)
A1 to A7/D1 to D7
P30
A8
A8
A8
A8/D7(Note 2)
A8
P31 to P33
A9 to A11
I/O ports
P34 to P37
A12 to A15
I/O ports
P40 to P43
A16 to A19
I/O ports
P44
I/O ports
P45
P46
P47
P50
WRL
P52
RD
P53
BCLK
P54
HLDA
P55
HOLD
P56
ALE
P57
RDY
112(multiplexed bus
for the entire space)
(Note 1)
PM11=0
PM11=1
I/O ports
PM06=0
PM06=1
I/O ports
CS0=0
CS0=1
CS0
I/O ports
CS1=0
CS1=1
CS1
I/O ports
CS2=0
CS2=1
CS2
I/O ports
CS3=0
CS3=1
CS3
PM02=0
PM02=1
WR
(Note 3)
WRL
(Note 3)
(Note 3)
P51
BHE
WRH
PM02=0
PM02=1
(Note 3)
WRH
(Note 3)
(Note 3)
Note 1: To set the PM01 to PM00 bits are set to “012” and the PM05 to PM04 bits are set to “112” (multiplexed bus assigned to the entire CS
space), apply “H” to the BYTE pin (external data bus 8 bits wide). While the CNVSS pin is held “H” (= VCC1), do not rewrite the PM05
to PM04 bits to “112” after reset. If the PM05 to PM04 bits are set to “112” during memory expansion mode, P31 to P37 and P40 to P43
become I/O ports, in which case the accessible area for each CS is 256 bytes.
Note 2: In separate bus mode, these pins serve as the address bus.
Note 3: If the data bus is 8 bits wide, make sure the PM02 bit is set to “0” (RD, BHE, WR).
I/O ports: Function as I/O ports or peripheral function I/O pins.
8 bits
“H”
8 bits
“H”
16 bits
“L”
16 bits
“L”
Table 1.7.5. Pin Functions for Each Processor Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com