Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 48 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 48 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 52Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 349 page
background image
47
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory Space Expansion Function
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Figure 1.8.6 shows the external memory connect example in 4 Mbyte mode.
_____
_______
In this example, the CS pin of 4-Mbyte ROM is connected to the CS0 pin of microcomputer. The address
_______
_______
_______
input AD21, AD20 and AD19 pins are connected to the CS3, CS2 and CS1 pins of microcomputer,
respectively. The address input AD18 pin is connected to the A19 pin of microcomputer. Figures 1.8.7 to
1.8.9 show the relationship of addresses between the 4-Mbyte ROM and the microcomputer for the case
of a connection example in Figure 1.8.6.
In microprocessor mode, or in memory expansion mode where the PM13 bit is “0”, banks are located
every 512 Kbytes. Setting the OFS bit to “1” allows the accessed address to be offset by 4000016, so that
even the data overlapping a bank boundary can be accessed in succession.
In memory expansion mode where the PM13 bit is “1”, each 512-Kbyte bank can be accessed in 256
Kbyte units by switching them over with the OFS bit.
____
_______
Because the SRAM can be accessed on condition that the chip select signals S2 = “H” and S1 =“L”, CS0
_______
_____
____
and CS2 can be connected to S2 and S1, respectively. If the SRAM does not have the input pins to accept
_______
_______
“H” active and “L” active chip select signals, CS0 and CS2 should be decoded external to the chip.
17
8
D0 to D7
A0 to A16
A17
RD
WR
CS1
CS2
CS3
CS0
A19
DQ0 to DQ7
AD0 to AD16
AD17
AD18
AD19
OE
CS
DQ0 to DQ7
AD0 to AD16
S2
W
OE
S1
AD20
AD21
Note: If only one chip select pin (S1 or S2) is present,
decoding by use of an external circuit is required.
(Note)
Figure 1.8.6. External Memory Connect Example in 4M Byte Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com