Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 349 page
background image
Reset
23
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
____________
Table 1.5.1. Pin Status When RESET Pin Level is “L”
Status
CNVSS = VCC1
CNVSS = VSS
BYTE = VSS
BYTE = VCC
Pin name
P0
P1
P2, P3, P40 to P43
P44
P45 to P47
P50
P51
P52
P53
P54
P55
P56
P57
P6, P7, P80 to P84,
P86, P87, P9, P10
Input port
Input port
Input port
Input port
Input port
Input port
Input port
Input port
Input port
Input port
Input port
Input port
Input port
Input port
Data input
Data input
Address output (undefined)
BCLK output
ALE output (“L” is output)
CS0 output (“H” is output)
WR output (“H” is output)
RD output (“H” is output)
RDY input
Input port
BCLK output
BHE output (undefined)
HLDA output (The output value
depends on the input to the
HOLD pin)
HOLD input
Data input
Address output (undefined)
CS0 output (“H” is output)
Input port (Pulled high)
Input port
Input port
RDY input
ALE output (“L” is output)
HOLD input
HLDA output (The output value
depends on the input to the
HOLD pin)
RD output (“H” is output)
BHE output (undefined)
WR output (“H” is output)
P11, P12, P13,
P140, P141
Input port
Input port
Input port
(Note)
Note : P11, P12, P13, P140, P141 pins exist in 128-pin version.
Input port (Pulled high)
Figure 1.5.3. CPU Register Status After Rreset
b15
b0
Data register(R0)
Address register(A0)
Frame base register(FB)
Program counter(PC)
Interrupt table register(INTB)
User stack pointer(USP)
Interrupt stack pointer(ISP)
Static base register(SB)
Flag register(FLG)
000016
000016
000016
C
D
Z
S
B
O
I
U
IPL
000016
000016
000016
000016
000016
b19
b0
Content of addresses FFFFE16 to FFFFC16
b15
b0
b15
b0
b15
b0
b7
b8
0000016
Data register(R1)
Data register(R2)
Data register(R3)
Address register(A1)
000016
000016
000016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com