Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 30 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 30 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 34Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 349 page
background image
29
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Processor Mode
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Processor Mode
(1) Types of Processor Mode
Three processor modes are available to choose from: single-chip mode, memory expansion mode, and
microprocessor mode. Table 1.6.1 shows the features of these processor modes.
(2) Setting Processor Modes
Processor mode is set by using the CNVSS pin and the PM01 to PM00 bits in the PM0 register.
Table 1.6.2 shows the processor mode after hardware reset. Table 1.6.3 shows the PM01 to PM00 bit set
values and processor modes.
Table 1.6.2. Processor Mode After Hardware Reset
Table 1.6.1. Features of Processor Modes
Processor modes
Access space
Pins which are assigned I/O ports
Single-chip mode
SFR, internal RAM, internal ROM
All pins are I/O ports or peripheral
function I/O pins
Memory expansion mode
SFR, internal RAM, internal ROM,
external area (Note)
Some pins serve as bus control pins (Note)
Microprocessor mode
SFR, internal RAM, external area (Note) Some pins serve as bus control pins (Note)
Note : Refer to “Bus”.
CNVSS pin input level
Processor mode
VSS
Single-chip mode
VCC1 (Note 1, Note 2)
Microprocessor mode
Note 1: If the microcomputer is reset in hardware by applying VCC1 to the CNVSS pin (hardware reset 1
or hardware reset 2), the internal ROM cannot be accessed regardless of PM10 to PM00 bits.
Note 2: The multiplexed bus cannot be assigned to the entire CS space.
Table 1.6.3. PM01 to PM00 Bits Set Values and Processor Modes
PM01 to PM00 bits
Processor modes
Single-chip mode
Memory expansion mode
Must not be set
002
012
102
Microprocessor mode
112
Rewriting the PM01 to PM00 bits places the microcomputer in the corresponding processor mode regard-
less of whether the input level on the CNVSS pin is “H” or “L”. Note, however, that the PM01 to PM00 bits
cannot be rewritten to “012” (memory expansion mode) or “112” (microprocessor mode) at the same time
the PM07 to PM02 bits are rewritten. Note also that these bits cannot be rewritten to enter microprocessor
mode in the internal ROM, nor can they be rewritten to exit microprocessor mode in areas overlapping the
internal ROM.
If the microcomputer is reset in hardware by applying VCC1 to the CNVSS pin (hardware reset 1 or hard-
ware reset 2), the internal ROM cannot be accessed regardless of PM01 to PM00 bits.
Figures 1.6.1 and 1.6.2 show the registers associated with processor modes. Figure 1.6.3 show the
memory map in single chip mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com