| Electronic Components Datasheet Search |
|
M16C/62P Datasheet(PDF) 37 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M16C/62P Datasheet(HTML) 37 Page - Mitsubishi Electric Semiconductor |
|
37 / 349 page ![]() Bus 36 Mitsubishi microcomputers M16C / 62P Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Under development Preliminary Specifications Rev.1.0 Specifications in this manual are tentative and subject to change. _____ ______ ________ Table 1.7.3. Operation of RD, WR and BHE Signals Status of external data bus RD BHE WR HL L LHL HLH LH H Write 1 byte of data to an odd address Read 1 byte of data from an odd address Write 1 byte of data to an even address Read 1 byte of data from an even address Data bus width A0 H H L L HL L L LHL L HL H or L LH H or L 8-bit (BYTE pin input = “H”) Write data to both even and odd addresses Read data from both even and odd addresses Write 1 byte of data Read 1 byte of data 16-bit (BYTE pin input = “L”) (Note) (Note) Note : Do not use. Status of external data bus Read data Write 1 byte of data to an even address Write 1 byte of data to an odd address Write data to both even and odd addresses WRH WRL RD Data bus width 16-bit ( BYTE pin input = “L”) H H H H L H L H H L L L _____ ________ _________ Table 1.7.2. Operation of RD, WRL and WRH Signals (4) Read and Write Signals _____ When the data bus is 16 bits wide, the read and write signals can be chosen to be a combination of RD, ________ ______ _____ ________ ________ BHE and WR or a combination of RD, WRL and WRH by using the PM02 bit in the PM0 register. When _____ ______ ________ the data bus is 8 bits wide, use a combination of RD, WR and BHE. _____ ________ _________ Table 1.7.2 shows the operation of RD, WRL, and WRH signals. Table 1.7.3 shows the operation of _____ ______ ________ operation of RD, WR, and BHE signals. (5) ALE Signal The ALE signal latches the address when accessing the multiplex bus space. Latch the address when the ALE signal falls. When BYTE pin input = “H” When BYTE pin input = “L” ALE Address Data Address (Note) A0/D0 to A7/D7 A8 to A19 ALE Address Data Address A1/D0 to A8/D7 A9 to A19 Address A0 Note : If the entire CS space is assigned a multiplexed bus, these pins function as I/O ports. Figure 1.7.3. ALE Signal, Address Bus, Data Bus |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |