Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 53 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 53 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 57Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock Generation Circuit
52
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
fC32
CM02, CM04, CM05, CM06, CM07: CM0 register bits
CM10, CM11, CM16, CM17: CM1 register bits
PCLK0, PCLK1: PCLK register bits
CM21, CM27
: CM2 register bits
1/32
Main clock
generating circuit
fC
CM02
CM04
CM10=1(stop mode)
Q
S
R
WAIT instruction
CM05
Q
S
R
NMI
Interrupt request level judgment output
RESET
Software reset
fC
CPU clock
CM07=0
CM07=1
Divider
a
d
1/2
1/2
1/2
1/2
CM06=0
CM17–CM16=002
CM06=0
CM17–CM16=012
CM06=0
CM17–CM16=102
CM06=1
CM06=0
CM17–CM16=112
d
a
Details of divider
Sub-clock
generating circuit
XCIN
XCOUT
XOUT
XIN
f8
f32
c
b
b
1/2
c
f32SIO
f8SIO
fAD
f1
e
e
1/2
1/4
1/8
1/16
1/32
PCLK0=1
PLL
frequency
synthesizer
0
1
CM21=1
CM11
CM21=0
Ring
oscillator
PLL
clock
Sub-clock
Ring
oscillator
clock
BCLK
PCLK0=0
f2
f1SIO
PCLK1=1
PCLK1=0
f2SIO
Main
clock
CLKOUT
PM01–PM00=002, CM01–CM00=012
PM01–PM00=002, CM01–CM00=102
CM01–CM00=002
I/O ports
PM01–PM00=002,
CM01–CM00=112
CM21
Oscillation
stop, re-
oscillation
detection
circuit
Figure 1.9.1. Clock Generation Circuit
Phase
comparator
Charge
pump
Voltage
control
oscillator
(VCO)
PLL clock
Main clock
1/2
Programmable
counter
Internal low-
pass filter
PLL frequency synthesizer
Pulse generation
circuit for clock
edge detection
and charge,
discharge control
Charge,
discharge
circuit
Reset
generating
circuit
Oscillation stop,
re-oscillation
detection interrupt
generating circuit
Main
clock
Oscillation stop
detection reset
CM27
0
1
CM21 switch signal
Oscillation stop,
re-oscillation
detection signal
Oscillation stop, re-oscillation detection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com