Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 57 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 57 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 61Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock Generation Circuit
56
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Figure 1.9.5. PCLKR Register and PM2 Register
Function
Bit symbol
Bit name
Peripheral clock select register (Note)
Symbol
Address
When reset
PCLKR
025E16
000000112
RW
b7
b6
b5
b4
b3
b2
b1
b0
PCLK0
Timers A, B clock select bit
(Clock source for the
timers A, B, and the dead
time timer)
0 : f2
1 : f1
00 0
Reserved bit
Must set to
“0”
Note: Write to this register after setting the PRC0 bit of PRCR register to “1” (write enable).
00 0
PCLK1
SI/O clock select bit
(Clock source for UART0
to UART2, SI/O3, SI/O4)
0 : f2SIO
1 : f1SIO
RW
RW
RW
(b7-b2)
Function
Bit symbol
Bit name
Processor mode register 2 (Note 1)
Symbol
Address
After reset
PM2
001E16
XXX000002
RW
b7 b6 b5 b4 b3 b2 b1 b0
PM20
Specifying wait when
accessing SFR at PLL
operation
0 : 2 waits
1 : 1 wait
00
Reserved bit
Must set to “0”
Nothing is assigned. When write, set to “0”. When read, its
content is interdeterminate.
Note 1: Write to this register after setting the PRC1 bit of PRCR register to “1” (write enable).
Note 2: This bit can only be rewritten while the PLC07 bit is “0” (PLL turned off). Also, to select a 16 MHz or higher PLL
clock, set this bit to “0” (2 waits). Note that if the clock source for the CPU clock is to be changed from the PLL
clock to another, the PLC07 bit must be set to “0” before setting the PM20 bit.
Note 3: Once this bit is set to “1”, it cannot be cleared to “0” in a program.
Note 4: Setting the PM21 bit to “1” results in the following conditions:
• The BCLK is not halted by executing the WAIT instruction.
• Writing to the following bits has no effect.
CM02 bit of CM0 register
CM05 bit of CM0 register (main clock is not halted)
CM07 bit of CM0 register (CPU clock source does not change)
CM10 bit of CM1 register (stop mode is not entered)
CM11 bit of CM1 register (CPU clock source does not change)
CM20 bit of CM2 register (oscillation stop, re-oscillation detection function settings do not change)
All bits of PLC0 register (PLL frequency synthesizer settings do not change)
Note 5: Setting the PM22 bit to “1” results in the following conditions:
• The ring oscillator starts oscillating, and the ring oscillator clock becomes the watchdog timer count source.
• The CM10 bit of CM1 register is disabled against write. (Writing a “1” has no effect, nor is stop mode
entered.)
• The watchdog timer does not stop when in wait mode or hold state.
(Note 2)
RW
RW
RW
PM21
(b7-b5)
System clock protective
bit
0 : Clock is protected by PRCR
register
1 : Clock modification disabled
PM22
WDT count source
protective bit
(Note 3, Note 4)
(Note 3, Note 5)
0 : CPU clock is used for the
watchdog timer count source
1 : Ring oscillator clock is used
for the watchdog timer count
source
RW
(b4-b3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com