| Electronic Components Datasheet Search |
|
M16C/62P Datasheet(PDF) 87 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M16C/62P Datasheet(HTML) 87 Page - Mitsubishi Electric Semiconductor |
|
87 / 349 page ![]() Mitsubishi microcomputers M16C / 62P Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Interrupts 86 Under development Preliminary Specifications Rev.1.0 Specifications in this manual are tentative and subject to change. Figure 1.11.7. Operation of Saving Register (2) SP contains odd number [SP] (Odd) [SP] – 1 (Even) [SP] – 2(Odd) [SP] – 3 (Even) [SP] – 4(Odd) [SP] – 5 (Even) Address Sequence in which order registers are saved (2) (1) Finished saving registers in four operations. (3) (4) (1) SP contains even number [SP] (Even) [SP] – 1(Odd) [SP] – 2 (Even) [SP] – 3(Odd) [SP] – 4 (Even) [SP] – 5 (Odd) Note: [SP] denotes the initial value of the SP when interrupt request is acknowledged. After registers are saved, the SP content is [SP] minus 4. Address PCM Stack FLGL PCL Sequence in which order registers are saved (2) Saved simultaneously, all 16 bits (1) Saved simultaneously, all 16 bits Finished saving registers in two operations. PCM Stack FLGL PCL Saved, 8 bits at a time FLGH PCH FLGH PCH The operation of saving registers carried out in the interrupt sequence is dependent on whether the SP(Note), at the time of acceptance of an interrupt request, is even or odd. If the stack pointer (Note) is even, the FLG register and the PC are saved, 16 bits at a time. If odd, they are saved in two steps, 8 bits at a time. Figure 1.11.7 shows the operation of the saving registers. Note: When any INT instruction in software numbers 32 to 63 has been executed, this is the SP indicated by the U flag. Otherwise, it is the ISP. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |