| Electronic Components Datasheet Search |
|
M16C/62P Datasheet(PDF) 85 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M16C/62P Datasheet(HTML) 85 Page - Mitsubishi Electric Semiconductor |
|
85 / 349 page ![]() Mitsubishi microcomputers M16C / 62P Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Interrupts 84 Under development Preliminary Specifications Rev.1.0 Specifications in this manual are tentative and subject to change. Interrupt sources 7 Level that is set to IPL _______ Watchdog timer, NMI _________ Software, address match, DBC, single-step Not changed Variation of IPL when Interrupt Request is Accepted When a maskable interrupt request is accepted, the interrupt priority level of the accepted interrupt is set in the IPL. When a software interrupt or special interrupt request is accepted, one of the interrupt priority levels listed in Table 1.11.5 is set in the IPL. Shown in Table 1.11.5 are the IPL values of software and special interrupts when they are accepted. Table 1.11.5. IPL Level That is Set to IPL When A Software or Special Interrupt Is Accepted Instruction Interrupt sequence Instruction in interrupt routine Time Interrupt response time (a) (b) Interrupt request acknowledged Interrupt request generated (a) A time from when an interrupt request is generated till when the instruction then executing is completed. The length of this time varies with the instruction being executed. The DIVX instruction requires the longest time, which is equal to 30 cycles (without wait state, the divisor being a register). (b) A time during which the interrupt sequence is executed. For details, see the table below. Note, however, that the values in this table must be increased 2 cycles for the DBC interrupt and 1 cycle for the address match and single-step interrupts. Interrupt vector address Even Even Odd Odd SP value Even Odd Even Odd 16-Bit bus, without wait 18 cycles 19 cycles 19 cycles 20 cycles 8-Bit bus, without wait 20 cycles 20 cycles 20 cycles 20 cycles Figure 1.11.5. Interrupt response time Interrupt Response Time Figure 1.11.5 shows the interrupt response time. The interrupt response or interrupt acknowledge time denotes a time from when an interrupt request is generated till when the first instruction in the interrupt routine is executed. Specifically, it consists of a time from when an interrupt request is generated till when the instruction then executing is completed ((a) in Figure 1.11.5) and a time during which the interrupt sequence is executed ((b) in Figure 1.11.5). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |