Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 25 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
24
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Voltage Detection Circuit
The voltage detection circuit has circuits to monitor the input voltage at the VCC1 pin, each checking the
input voltage with respect to Vdet2, Vdet3, and Vdet4, respectively. Use the VC25 to VC27 bits in the VCR2
register to select whether or not to enable these circuits.
Enable the RAM retention limit detection circuit when using hardware reset 2 in stop mode, or when using
the WDC5 bit in the WDC register. The WDC5 bit indicates that the RAM is retained.
Use the reset level detection circuit for hardware reset 2.
The power supply down detection circuit can be set to detect whether the input voltage is equal to or greater
than Vdet4 or less than Vdet4 by using the VC13 bit in the VCR1 register. Furthermore, a power supply
down detection interrupt can be used.
Figure 1.5.4. Reset Circuit Block
b7 b6 b5
VCR2 register
RESET
CM10 bit=1
(stop mode)
+
E
≥Vdet2
+
≥Vdet3
+
≥Vdet4
E
Noise rejection
Power supply down
detection signal
b3
VCR1 register
VC13 bit
Internal power on reset
Write to WDC register
S
R
Q
WARM/COLD
>T
Q
1 shot
td(S-R)
Internal reset signal
(“L” active)
WDC5 bit
Internal power supply
voltage stable time
E
(Cold start, warm start)
VCC1
T
D
Q
Half latch
Figure 1.5.5. WDC Register
Watchdog timer control register
Symbol
Address
After reset
WDC
000F16
00XXXXXX2(Note2)
Function
Bit symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
High-order bit of watchdog timer
WDC7
Bit name
Prescaler select bit
0 : Divided by 16
1 : Divided by 128
Reserved bit
Set to “0”
0
RO
RW
RW
RW
Cold start / warm start
discrimination flag (Note 1)
0 : Cold start
1 : Warm start
WDC5
Note 1: The WDC5 bit is always “1” (= warm start) no matter how it is set by writing a “0” or “1”.
Note 2: The WDC5 bit is “0” (= cold start) immediately after power-on. It can only be set to “1” in a program. It is
set to “0” when the input voltage at the VCC1 pin drops to Vdet2 or less while the VCR2 register’s VC25
bit = 1 (RAM retention limit detection circuit enabled).
(b4-b0)
(b6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com