Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 69 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 69 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 73Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 349 page
background image
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock Generation Circuit
68
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Figure 1.9.10. State Transition to Stop Mode and Wait Mode
Reset
Medium-speed mode
(divided-by-8 mode)
High-speed, medium-
speed mode
Stop mode
Wait mode
Interrupt
CM10=1
Interrupt
Normal mode
Low-speed, low power
dissipation mode
CM10=1
Stop mode
Interrupt
Wait mode
Interrupt
CM10=1
Stop mode
All oscillators stopped
Interrupt
Wait mode
WAIT
instruction
(Note 3)
Interrupt
CPU operation stopped
When
low-
speed
mode
When
low power
dissipation
mode
PLL operation
mode
Notes 1, 2
Note 1: Do not go directly from PLL operation mode to wait or stop mode.
Note 2: PLL operation mode can be entered from high speed mode. Similarly, PLL operation mode can be changed back to high speed mode.
Note 3: When the PM21 bit = 0 (system clock protective function unused).
Note 4: The ring oscillator clock divided by 8 provides the CPU clock.
Note 5: Write to the CM0 register and CM1 register simultaneously by accessing in word units while CM21=0 (ring oscillator turned off).
Ring oscillator, Ring oscillator
dissipation mode
Wait mode
Interrupt
CM10=1
Interrupt
(Note 4)
Stop mode
WAIT
instruction
(Note 3)
WAIT
instruction
(Note 3)
WAIT
instruction
(Note 3)
CM07=0
CM06=1
CM05=0
CM11=0
CM10=1
(Note 5)
Figure 1.9.10 shows the state transition from normal operation mode to stop mode and wait mode. Figure
1.9.11 shows the state transition in normal operation mode.
Table 1.9.7 shows a state transition matrix describing allowed transition and setting. The vertical line
shows current state and horizontal line shows state after transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com