Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62P Datasheet(PDF) 58 Page - Mitsubishi Electric Semiconductor

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P Datasheet(HTML) 58 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 62Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 349 page
background image
Clock Generation Circuit
57
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Figure 1.9.6. PLC0 Register
PLC00
PLC01
PLC02
PLC07
(Note 3)
(Note 4)
Function
Note 1: Write to this register after setting the PRC0 bit of PRCR register to “1” (write enable).
Note 2: When the PM21 bit of PM2 register is “1” (clock modification disable), writing to this register has no effect.
Note 3: These three bits can only be modified when the PLC07 bit = 0 (PLL turned off). The value once written to this bit
cannot be modified.
Note 4: Before setting this bit to “1” , set the CM07 bit to “0” (main clock), set the CM17 to CM16 bits to “002”
(main clock undivided mode), and set the CM06 bit to “0” (CM16 and CM17 bits enable).
PLL control register 0 (Note 1, Note 2)
PLL multiplying factor
select bit
Nothing is assigned. When write, set to “0”.
When read, its content is indeterminate.
Reserved bit
Operation enable bit
0 0 0:
0 0 1: Multiply by 2
0 1 0: Multiply by 4
0 1 1: Multiply by 6
1 0 0: Multiply by 8
1 0 1:
1 1 0:
1 1 1:
0: PLL Off
1: PLL On
Must set to “1”
Bit name
Bit
symbol
Symbol
Address
After reset
PLC0
001C16
0001 X0102
RW
b1b0
b2
Reserved bit
Must set to “0”
Do not set
RW
RW
RW
RW
RW
RW
Do not set
(b4)
(b6-b5)
(b3)
b7
b6
b5
b4
b3
b2
b1
b0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com