Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F7X7 Datasheet(PDF) 226 Page - Microchip Technology

Part # PIC16F7X7
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7X7 Datasheet(HTML) 226 Page - Microchip Technology

Back Button PIC16F7X7 Datasheet HTML 222Page - Microchip Technology PIC16F7X7 Datasheet HTML 223Page - Microchip Technology PIC16F7X7 Datasheet HTML 224Page - Microchip Technology PIC16F7X7 Datasheet HTML 225Page - Microchip Technology PIC16F7X7 Datasheet HTML 226Page - Microchip Technology PIC16F7X7 Datasheet HTML 227Page - Microchip Technology PIC16F7X7 Datasheet HTML 228Page - Microchip Technology PIC16F7X7 Datasheet HTML 229Page - Microchip Technology PIC16F7X7 Datasheet HTML 230Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 276 page
background image
PIC16F7X7
DS30498C-page 224
 2004 Microchip Technology Inc.
FIGURE 18-6:
CLKO AND I/O TIMING
TABLE 18-5:
CLKO AND I/O TIMING REQUIREMENTS
Note: Refer to Figure 18-4 for load conditions.
OSC1
CLKO
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units Conditions
10*
TOSH2CKLOSC1
↑ to CLKO ↓
75
200
ns
(Note 1)
11*
TOSH2CKHOSC1
↑ to CLKO ↑
75
200
ns
(Note 1)
12*
TCKR
CLKO Rise Time
35
100
ns
(Note 1)
13*
TCKF
CLKO Fall Time
35
100
ns
(Note 1)
14*
TCKL2IOVCLKO
↓ to Port Out Valid
0.5 TCY + 20
ns
(Note 1)
15*
TIOV2CKH
Port In Valid before CLKO
TOSC + 200
ns
(Note 1)
16*
TCKH2IOI
Port In Hold after CLKO
0—
ns
(Note 1)
17*
TOSH2IOVOSC1
↑ (Q1 cycle) to Port Out Valid
100
255
ns
18*
TOSH2IOIOSC1
↑ (Q2 cycle) to
Port Input Invalid (I/O in
hold time)
PIC16F7X7
100
ns
PIC16LF7X7
200
ns
19*
TIOV2OSH
Port Input Valid to OSC1
↑ (I/O in setup time)
0
ns
20*
TIOR
Port Output Rise Time
PIC16F7X7
10
40
ns
PIC16LF7X7
145
ns
21*
TIOF
Port Output Fall Time
PIC16F7X7
10
40
ns
PIC16LF7X7
145
ns
22††*
TINP
INT pin High or Low Time
TCY
——
ns
23††*
TRBP
RB7:RB4 Change INT High or Low Time
TCY
——
ns
*
These parameters are characterized but not tested.
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
††
These parameters are asynchronous events not related to any internal clock edges.
Note
1:
Measurements are taken in RC mode, where CLKO output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com