Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F7X7 Datasheet(PDF) 228 Page - Microchip Technology

Part # PIC16F7X7
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7X7 Datasheet(HTML) 228 Page - Microchip Technology

Back Button PIC16F7X7 Datasheet HTML 224Page - Microchip Technology PIC16F7X7 Datasheet HTML 225Page - Microchip Technology PIC16F7X7 Datasheet HTML 226Page - Microchip Technology PIC16F7X7 Datasheet HTML 227Page - Microchip Technology PIC16F7X7 Datasheet HTML 228Page - Microchip Technology PIC16F7X7 Datasheet HTML 229Page - Microchip Technology PIC16F7X7 Datasheet HTML 230Page - Microchip Technology PIC16F7X7 Datasheet HTML 231Page - Microchip Technology PIC16F7X7 Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 276 page
background image
PIC16F7X7
DS30498C-page 226
 2004 Microchip Technology Inc.
FIGURE 18-9:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
TABLE 18-7:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
40*
TT0H
T0CKI High Pulse Width
No prescaler
0.5 TCY + 20
ns
Must also meet
parameter 42
With prescaler
10
ns
41*
TT0L
T0CKI Low Pulse Width
No prescaler
0.5 TCY + 20
ns
Must also meet
parameter 42
With prescaler
10
ns
42*
TT0P
T0CKI Period
No prescaler
TCY + 40
ns
With prescaler
Greater of:
20 or TCY + 40
N
ns
N = prescale
value (2, 4, ...,
256)
45*
TT1H
T1CKI High Time Synchronous, Prescaler = 1
0.5 TCY + 20
ns
Must also meet
parameter 47
Synchronous,
Prescaler = 2, 4, 8
PIC16F7X7
15
ns
PIC16LF7X7
25
ns
Asynchronous
PIC16F7X7
30
ns
PIC16LF7X7
50
ns
46*
TT1L
T1CKI Low Time
Synchronous, Prescaler = 1
0.5 TCY + 20
ns
Must also meet
parameter 47
Synchronous,
Prescaler = 2, 4, 8
PIC16F7X7
15
ns
PIC16LF7X7
25
ns
Asynchronous
PIC16F7X7
30
ns
PIC16LF7X7
50
ns
47*
TT1P
T1CKI Input
Period
Synchronous
PIC16F7X7
Greater of:
30 or TCY + 40
N
ns
N = prescale
value (1, 2, 4, 8)
PIC16LF7X7
Greater of:
50 or TCY + 40
N
ns
N = prescale
value (1, 2, 4, 8)
Asynchronous
PIC16F7X7
60
ns
PIC16LF7X7
100
ns
FT1
Timer1 Oscillator Input Frequency Range
(oscillator enabled by setting bit T1OSCEN)
DC
200
kHz
48
TCKEZTMR1 Delay from External Clock Edge to Timer Increment
2 TOSC
—7 TOSC
*
These parameters are characterized but not tested.
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note: Refer to Figure 18-4 for load conditions.
46
47
45
48
41
42
40
RA4/T0CKI/C1OUT
RC0/T1OSO/T1CKI
TMR0 or TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com