Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F7X7 Datasheet(PDF) 230 Page - Microchip Technology

Part # PIC16F7X7
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7X7 Datasheet(HTML) 230 Page - Microchip Technology

Back Button PIC16F7X7 Datasheet HTML 226Page - Microchip Technology PIC16F7X7 Datasheet HTML 227Page - Microchip Technology PIC16F7X7 Datasheet HTML 228Page - Microchip Technology PIC16F7X7 Datasheet HTML 229Page - Microchip Technology PIC16F7X7 Datasheet HTML 230Page - Microchip Technology PIC16F7X7 Datasheet HTML 231Page - Microchip Technology PIC16F7X7 Datasheet HTML 232Page - Microchip Technology PIC16F7X7 Datasheet HTML 233Page - Microchip Technology PIC16F7X7 Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 276 page
background image
PIC16F7X7
DS30498C-page 228
 2004 Microchip Technology Inc.
FIGURE 18-11:
PARALLEL SLAVE PORT TIMING (PIC16F747/777 DEVICES ONLY)
TABLE 18-9:
PARALLEL SLAVE PORT REQUIREMENTS (PIC16F747/777 DEVICES ONLY)
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
62
TDTV2WRH Data In Valid before WR
↑ or CS ↑ (setup time)
20
25
ns
ns
Extended range only
63*
TWRH2DTIWR
↑ or CS ↑ to Data In Invalid
(hold time)
PIC16F7X7
20
ns
PIC16LF7X7
35
ns
64
TRDL2DTVRD
↓ and CS ↓ to Data Out Valid
80
90
ns
ns
Extended range only
65
TRDH2DTIRD
↑ or CS ↓ to Data Out Invalid
10
30
ns
*
These parameters are characterized but not tested.
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note: Refer to Figure 18-4 for load conditions.
RE2/CS/AN7
RE0/RD/AN5
RE1/WR/AN6
RD7/PSP7:RD0/PSP0
62
63
64
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com