Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVMA2ES Datasheet(PDF) 102 Page - NXP Semiconductors

Part # MPF7100BVMA2ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVMA2ES Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button MPF7100BVMA2ES Datasheet HTML 98Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 99Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 100Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 101Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 102Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 103Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 104Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 105Page - NXP Semiconductors MPF7100BVMA2ES Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
102 / 125
AD
DR
Register Name
R/W
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
85
LDO1 CONFIG1
R/W
LDO1_UV_
BYPASS
LDO1_OV_BYPASS LDO1_ILIM_
BYPASS
LDO1_UV_STATE
LDO1_OV_STATE
LDO1_ILIM_STATE
LDO1_WDBYPASS
LDO1_PG_EN
86
LDO1 CONFIG2
R/W
LDO1_FLT_
REN
LDO1_PDGRP[1:0]
—
—
—
LDO1_RUN_EN
LDO1_STBY_EN
87
LDO1 PWRUP
R/W
LDO1_SEQ[7:0]
88
LDO1 RUN VOLT
R/W
—
—
—
—
VLDO1_RUN[3:0]
89
LDO1 STBY
VOLT
R/W
—
—
—
—
VLDO1_STBY[3:0]
8B
LDO2 CONFIG1
R/W
LDO2_UV_
BYPASS
LDO2_OV_BYPASS LDO2_ILIM_
BYPASS
LDO2_UV_STATE
LDO2_OV_STATE
LDO2_ILIM_STATE
LDO2_WDBYPASS
LDO2_PG_EN
8C
LDO2 CONFIG2
R/W
LDO2_FLT_
REN
LDO2_PDGRP[1:0]
LDO2HW_EN
VSELECT_EN
—
LDO2_RUN_EN
LDO2_STBY_EN
8D
LDO2 PWRUP
R/W
LDO2_SEQ[7:0]
8E
LDO2 RUN VOLT
R/W
—
—
—
—
VLDO2_RUN[3:0]
8F
LDO2 STBY
VOLT
R/W
—
—
—
—
VLDO2_STBY[3:0]
9D
VSNVS CONFIG1 R/W
—
—
—
—
VSNVS2VOLT [1:0]
VSNVS1VOLT [1:0]
9F
PAGE SELECT
R/TW
—
—
—
—
—
PAGE[2:0]
16.4 PF7100 QM OTP mirror register map (page 1)
Reset types
OFF_OTP
Register loads the OTP mirror register values during power up
OTP
Register available in OTP bank only, reset from fuses when VIN crosses UVDET threshold
VSNVS
Reset when BOS has no valid input. VIN < UVDET
AD
DR
Register name
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
A0
OTP FSOB
SELECT
—
—
—
—
OTP_FSOB_
SOFTFAULT
OTP_FSOB_WDI
OTP_FSOB_WDC
OTP_FSOB_
HARDFAULT
A1
OTP I2C
—
—
—
—
OTP_I2C_CRC_EN
OTP_I2C_ADD[2:0]
A2
OTP CTRL1
—
—
OTP_EWARN_TIME[1:0]
—
OTP_STANDBYINV
OTP_PG_ACTIVE
OTP_PG_CHECK
A3
OTP CTRL2
OTP_FSS_EN
OTP_FSS_RANGE
—
OTP_XFAILB_EN
OTP_VIN_OVLO_
SDWN
OTP_VIN_OVLO_EN
OTP_VIN_OVLO_DBNC[1:0]
A4
OTP CTRL3
OTP_VTT_PDOWN
OTP_SW3_VTTEN
—
—
OTP_SW4CONFIG[1:0]
OTP_SW1CONFIG[1:0]
A5
OTP FREQ
CTRL
OTP_SW_MODE
OTP_SYNCIN_EN
OTP_SYNCOUT_EN OTP_FSYNC_
RANGE
OTP_CLK_FREQ[3:0]
A6
OTP SW RAMP
OTP_SW4DVS_RAMP[1:0]
OTP_SW3DVS_RAMP[1:0]
OTP_SW2DVS_RAMP[1:0]
OTP_SW1DVS_RAMP[1:0]
A7
OTP PWRON
—
—
OTP_PWRON_
MODE
OTP_PWRON_DBNC[1:0]
OTP_PWRON_
RST_EN
OTP_TRESET[1:0]
A8
OTP WD
CONFIG
—
—
OTP_WDI_MODE
OTP_WDI_INV
OTP_WD_EN
OTP_WD_STBY_EN
OTP_WDI_STBY_
ACTIVE
OTP_WDWINDOW
A9
OTP WD
EXPIRE
—
—
—
—
—
OTP_WD_MAX_EXPIRE[2:0]
AA
OTP WD
COUNTER
OTP_WD_DURATION[3:0]
OTP_WD_MAX_CNT [3:0]
AB
OTP FAULT
COUNTERS
—
—
—
—
OTP_FAULT_MAX_CNT[3:0]
AC
OTP FAULT
TIMERS
—
—
—
—
OTP_TIMER_FAULT[3:0]
AD
OTP PWRDN
DLY1
OTP_GRP4_DLY[1:0]
OTP_GRP3_DLY[1:0]
OTP_GRP2_DLY[1:0]
OTP_GRP1_DLY[1:0]
AE
OTP PWRDN
DLY2
OTP_PD_SEQ_DLY[1:0]
—
—
—
—
OTP_RESETBMCU_DLY[1:0]
AF
OTP PWRUP
CTRL
—
OTP_PWRDWN_
MODE
OTP_PGOOD_PDGRP[1:0]
OTP_RESETBMCU_PDGRP[1:0]
OTP_SEQ_TBASE[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com