Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 24 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 20Page - Texas Instruments AFEX8201 Datasheet HTML 21Page - Texas Instruments AFEX8201 Datasheet HTML 22Page - Texas Instruments AFEX8201 Datasheet HTML 23Page - Texas Instruments AFEX8201 Datasheet HTML 24Page - Texas Instruments AFEX8201 Datasheet HTML 25Page - Texas Instruments AFEX8201 Datasheet HTML 26Page - Texas Instruments AFEX8201 Datasheet HTML 27Page - Texas Instruments AFEX8201 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
7.3.1.3 DAC Transfer Function
The following equation describes the DAC transfer function, which is the relationship between internal signal
DAC_CODE and output voltage VOUT:
VOUT=DAC_CODE2N×FSR
(1)
where
• DAC_CODE is an internal signal and the decimal equivalent of the gain and offset calibrated binary code
loaded into the DAC_DATA register. DAC_CODE range = 0 to 2N – 1.
• N = DAC_CODE resolution in bits (16 for the AFE88201 and 14 for the AFE78201).
• FSR = VOUT full-scale range = 2.5 V.
7.3.1.4 DAC Gain and Offset Calibration
The AFEx8201 provide DAC gain and offset calibration capability to correct for end-point errors present
in the system. Implement the gain and offset calibration using two registers, DAC_GAIN.GAIN and
DAC_OFFSET.OFFSET. Update DAC_DATA register after gain or offset codes are changed for the new values
to take effect. The DAC_GAIN can be programmed from 0.5 to 1.499985 using Equation 2.
DAC_GAIN=12+GAIN2N
(2)
where
• N = DAC_GAIN resolution in bits: 16 for the AFE88201 and 14 for the AFE78201.
• GAIN is the decimal value of the DAC_GAIN register setting.
• GAIN data are left justified; the last two LSBs in the DAC_GAIN register are ignored for the AFE78201.
The example DAC_GAIN settings for the AFE88201 are shown in Table 7-1.
Table 7-1. DAC_GAIN Setting vs GAIN Code
DAC_GAIN
GAIN (HEX)
0.5
0x0000
1.0
0x8000
1.499985
0xFFFF
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com