Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 62 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 62 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 58Page - Texas Instruments AFEX8201 Datasheet HTML 59Page - Texas Instruments AFEX8201 Datasheet HTML 60Page - Texas Instruments AFEX8201 Datasheet HTML 61Page - Texas Instruments AFEX8201 Datasheet HTML 62Page - Texas Instruments AFEX8201 Datasheet HTML 63Page - Texas Instruments AFEX8201 Datasheet HTML 64Page - Texas Instruments AFEX8201 Datasheet HTML 65Page - Texas Instruments AFEX8201 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 95 page
background image
7.6.1.11 TRIGGER Register (Offset = Ah) [Reset = 0000h]
Return to the Register Map.
Table 7-23. TRIGGER Register Field Descriptions
Bit
Field
Type
Reset
Description
15-4
RESERVED
R
0h
3
RBIST
WSC
0h
RBIST Trigger
This trigger initiates a Register BIST. This BIST runs a CRC
calculation through the configuration registers (Table 7-7) and
compares the result to a stored CRC value in the RBIST_CRC
register.
2
RESERVED
R
0h
1
SHADOWLOAD
WSC
0h
Shadow Load Trigger
This trigger initiates the loading of the OTP array into the parallel
latches. If an OTP CRC error is detected, assert this trigger to try and
reload the OTP into the memory locations.
0
ADC
WSC
0h
ADC Trigger
In auto mode, this bit enables or disables the conversions. Manually
set to 1 (enable) or 0 (disable). In direct mode, set this bit to start a
conversion sequence. The bit is cleared at the end of the sequence.
To stop a sequence prematurely, manually clear this bit.
7.6.1.12 SPECIAL_CFG Register (Offset = Bh) [Reset = 0000h]
Return to the Register Map.
Table 7-24. SPECIAL_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-3
RESERVED
R
0h
2
OTP_LOAD_SW_RST
R/W
0h
OTP (One Time Programmable Factory Trimmed Registers) LOAD
with SW RESET
OTP reloads with the assertion of a software reset (SW_RST).
0h = No reload with SW_RST
1h = Reload with SW_RST
1
ALMV_POL
R/W
0h
Alarm Voltage Polarity
This register bit is ORed with the POL_SEL/AIN1 pin (if AIN1_ENB
bit is low) to control the VOUT during a hardware reset condition
or if alarm is active and alarm action is set appropriately. The
following Boolean function is implemented for the internal signal
ALMV_POL_o that sets the VOUT voltage:
ALMV_POL_o = ALMV_POL OR (POL_SEL/AIN1 AND NOT
AIN1_ENB)
0h = Low (0 V)
1h = High (2.5 V)
0
AIN1_ENB
R/W
0h
AIN1 Pin Enable
This bit determines whether the POL_SEL/AIN1 pin acts as alarm
voltage polarity control bit or an input channel to the ADC.
0h = AIN1 pin acts as alarm voltage polarity bit and ADC converts
GND
1h = AIN1 pin is an active channel to the ADC
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
62
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com