Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 67 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 63Page - Texas Instruments AFEX8201 Datasheet HTML 64Page - Texas Instruments AFEX8201 Datasheet HTML 65Page - Texas Instruments AFEX8201 Datasheet HTML 66Page - Texas Instruments AFEX8201 Datasheet HTML 67Page - Texas Instruments AFEX8201 Datasheet HTML 68Page - Texas Instruments AFEX8201 Datasheet HTML 69Page - Texas Instruments AFEX8201 Datasheet HTML 70Page - Texas Instruments AFEX8201 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
7.6.1.24 ALARM_STATUS_MASK Register (Offset = 1Dh) [Reset = EFDFh]
Return to the Register Map.
Table 7-36. ALARM_STATUS_MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
15-14
RESERVED
R
3h
13
SD_FLT
R/W
1h
SD Fault Mask
0h = Fault asserts IRQ
1h = The mask prevents IRQ or Alarm being triggered (default).
The status is always set if the condition exists.
12
OSC_FAIL
R/W
0h
OSC_FAIL Fault Mask
Same as SD Fault Mask (default 0h).
11-9
RESERVED
R
7h
8
OTP_CRC_ERR
R/W
1h
OTP CRC Error Mask
Same as SD Fault Mask (default 1h).
7
CRC_FLT
R/W
1h
SPI CRC Fault Mask
Same as SD Fault Mask (default 1h).
6
WD_FLT
R/W
1h
Watchdog Fault Mask
Same as SD Fault Mask (default 1h).
5
VREF_FLT
R/W
0h
VREF Fault Mask
Same as SD Fault Mask (default 0h).
4
ADC_AIN1_FLT
R/W
1h
ADC AIN1 Fault Mask
Same as SD Fault Mask (default 1h).
3
ADC_AIN0_FLT
R/W
1h
ADC AIN0 Fault Mask
Same as SD Fault Mask (default 1h).
2
ADC_TEMP_FLT
R/W
1h
ADC TEMP Fault Mask
Same as SD Fault Mask (default 1h).
1
THERM_ERR_FLT
R/W
1h
Temperature > 130°C Error Mask
Same as SD Fault Mask (default 1h).
0
THERM_WARN_FLT
R/W
1h
Temperature > 85°C Warning Mask
Same as SD Fault Mask (default 1h).
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com