Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 2Page - Texas Instruments AFEX8201 Datasheet HTML 3Page - Texas Instruments AFEX8201 Datasheet HTML 4Page - Texas Instruments AFEX8201 Datasheet HTML 5Page - Texas Instruments AFEX8201 Datasheet HTML 6Page - Texas Instruments AFEX8201 Datasheet HTML 7Page - Texas Instruments AFEX8201 Datasheet HTML 8Page - Texas Instruments AFEX8201 Datasheet HTML 9Page - Texas Instruments AFEX8201 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
6.5 Electrical Characteristics
all minimum and maximum values at TA = –40°C to +125°C and all typical values at TA = 25°C, PVDD = IOVDD = 3.3 V,
external or internal VREFIO = 1.25 V, RLOAD = 50 kΩ to GND, CLOAD = 100 pF to GND, and digital inputs at IOVDD or GND
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT DAC STATIC PERFORMANCE
Resolution
AFE88201
16
Bits
AFE78201
14
INL
Integral nonlinearity(1)
AFE88201, TA = –40°C to +125°C
–12
12
LSB
AFE88201, TA = –40°C to +85°C
–4
4
AFE78201
–3
3
DNL
Differential nonlinearity(1)
–1
1
LSB
TUE
Total unadjusted error(1)
TA = –40°C to +125°C
–0.1
0.1
%FSR
TA = –40°C to +85°C
–0.08
0.08
TA = 25°C
–0.05
0.05
Zero code error, no load
TA = –40°C to +125°C
1
mV
TA = –40°C to +85°C
1
TA = 25°C
0.5
Zero code error temperature coefficient
±3
ppm/°C
Offset error(1)
TA = –40°C to +125°C
–0.07
0.07
%FSR
TA = –40°C to +85°C
–0.05
0.05
TA = 25°C
–0.03
0.03
Offset error temperature coefficient (1)
±3
ppm/°C
Gain error(1)
TA = –40°C to +125°C
–0.1
0.1
%FSR
TA = –40°C to +85°C
–0.08
0.08
TA = 25°C
–0.05
0.05
Gain error temperature coefficient(1)
±3
ppm FSR/°C
Full-scale error
TA = –40°C to +125°C
–0.1
0.1
%FSR
TA = –40°C to +85°C
–0.08
0.08
TA = 25°C
–0.05
0.05
Full-scale error temperature coefficient
±3
ppm FSR/°C
VOUT DAC DYNAMIC PERFORMANCE
ts
Output voltage settling time
¼ to ¾ scale and ¾ to ¼ scale settling to ±2 LSB
65
µs
10-mV step settling to ±2 LSB
30
Slew rate
Fullscale transition measured from 10% to 90%
30
mV/µs
Vn
Output noise
0.1 Hz to 10 Hz, DAC at midscale
0.25
LSBpp
100-kHz bandwidth, DAC at midscale
32
µVrms
Vn
Output noise density
Measured at 1 kHz, DAC at midscale, PVDD = 3 V
180
nV/√Hz
Measured at 1 kHz, DAC at midscale, PVDD = 5 V
260
Power supply rejection ratio (ac)
200-mV 50-Hz to 60-Hz sine wave superimposed on
power supply voltage, DAC at midscale.
85
dB
Code change glitch impulse
Midcode ±1 LSB (including feedthrough)
4.5
nV-s
Code change glitch magnitude
Midcode ±1 LSB (including feedthrough),
PVDD = 5 V
1.5
mV
Digital feedthrough
At SCLK = 1 MHz, DAC output at midscale
1
nV-s
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com