Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 25 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 21Page - Texas Instruments AFEX8201 Datasheet HTML 22Page - Texas Instruments AFEX8201 Datasheet HTML 23Page - Texas Instruments AFEX8201 Datasheet HTML 24Page - Texas Instruments AFEX8201 Datasheet HTML 25Page - Texas Instruments AFEX8201 Datasheet HTML 26Page - Texas Instruments AFEX8201 Datasheet HTML 27Page - Texas Instruments AFEX8201 Datasheet HTML 28Page - Texas Instruments AFEX8201 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 95 page
background image
The DAC_OFFSET is stored in the DAC_OFFSET register using 2's-complement encoding. The DAC_OFFSET
value can be programmed from –2(N–1) to 2(N–1) – 1 using Equation 3.
DAC_OFFSET=−OFFSETMSB×2N−1 +∑i=0N−2OFFSETi×2i
(3)
where
• N = DAC_OFFSET resolution in bits: 16 for the AFE88201 and 14 for the AFE78201.
• OFFSETMSB = MSB bit of the DAC_OFFSET register.
• OFFSETi = The rest of the bits of the DAC_OFFSET register.
• i = Position of the bit in the DAC_OFFSET register.
• OFFSET data are left justified; the last two LSBs in the DAC_OFFSET register are ignored for the device.
The most significant bit determines the sign of the number and is called the sign bit. The sign bit has the weight
of –2(N–1) as shown in Equation 3.
The example DAC_OFFSET settings for the AFE88201 are shown in Table 7-2.
Table 7-2. DAC_OFFSET Setting vs OFFSET Code
DAC_OFFSET
OFFSET (HEX)
32767
0x7FFF
1
0x0001
0
0x0000
–1
0xFFFF
–2
0xFFFE
–32768
0x8000
The following transfer function is applied to the DAC_DATA.DATA based on the DAC_GAIN and DAC_OFFSET
values: DAC_CODE= DATA×DAC_GAIN +DAC_OFFSET
(4)
where
• DAC_CODE is the internal signal applied to the DAC.
• DATA is the decimal value of the DAC_DATA register.
• DAC_GAIN and DAC_OFFSET are the user calibration settings.
• DATA data are left justified; the last two LSBs in the DAC_DATA register are ignored for the AFE78201.
Substituting DAC_GAIN and DAC_OFFSET in Equation 4 with Equation 2 and Equation 3 results in:
DAC_CODE= DATA× 12+GAIN2N −OFFSETMSB×2N−1+∑i=0N−2OFFSETi×2i
(5)
The multiplier is implemented using truncation instead of rounding. This truncation can cause a difference of one
LSB if rounding is expected. Figure 7-2 shows the DAC calibration path.
DAC_DATA
Register 01h
DAC_GAIN
Register 04h
DAC_OFFSET
Register 05h
DAC_CODE
Gain = ½ + DAC_GAIN / 2
16
< 8000h: Gain < 1
= 8000h: Gain = 1
> 8000h: Gain > 1
+
+
Offset in 2’s-complement
< 0000h: Negative offset
0000h: No offset
> 0000h: Positive offset
Figure 7-2. DAC Calibration Path
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com