Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 26 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 22Page - Texas Instruments AFEX8201 Datasheet HTML 23Page - Texas Instruments AFEX8201 Datasheet HTML 24Page - Texas Instruments AFEX8201 Datasheet HTML 25Page - Texas Instruments AFEX8201 Datasheet HTML 26Page - Texas Instruments AFEX8201 Datasheet HTML 27Page - Texas Instruments AFEX8201 Datasheet HTML 28Page - Texas Instruments AFEX8201 Datasheet HTML 29Page - Texas Instruments AFEX8201 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
7.3.1.5 Programmable Slew Rate
The slew rate feature controls the rate at which the output voltage or current changes. This feature is disabled
by default and is enabled by writing a logic 1 to the DAC_CFG.SR_EN bit. With the slew rate control feature
disabled, the output changes smoothly at a rate limited by the output drive circuitry and the attached load.
With this feature enabled, the output does not slew directly between the two values. Instead, the output steps
digitally at a rate defined by DAC_CFG.SR_STEP[2:0] and DAC_CFG.SR_CLK[2:0]. SR_CLK defines the rate
at which the digital slew updates. SR_STEP defines the amount by which the output value changes at each
update. Section 7.6.1 shows different settings for SR_STEP and SR_CLK.
The time required for the output to slew is expressed as Equation 6:
SlewTime= DeltaCodeChange
SlewStep×SlewClockRate
(6)
where
• Slew Time is expressed in seconds
• Slew Step is controlled by DAC_CFG.SR_STEP
• Slew Clock Rate is controlled by DAC_CFG.SR_CLK
When the slew-rate control feature is enabled, the output changes at the programmed slew rate. This
configuration results in a staircase formation at the output. If the clear code is asserted (see Section 7.3.1.6), the
output slews to the DAC_CLR_CODE value at the programmed slew rate. When new DAC data are written, the
output starts slewing to the new value at the slew rate determined by the current DAC code and the new DAC
data.
Two slew-rate control modes are available: linear (default) and sinusoidal. Figure 7-3 and Figure 7-4 show the
typical rising and falling DAC output waveforms, respectively.
4 mA (0x0BA3) to 24 mA (0xF45D) measured on a 40-Ω shunt
Figure 7-3. Linear Slew Rate: Rising
24 mA (0xF45D) to 4 mA (0x0BA3) measured on 40-Ω shunt
Figure 7-4. Linear Slew Rate: Falling
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com