Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 65 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 61Page - Texas Instruments AFEX8201 Datasheet HTML 62Page - Texas Instruments AFEX8201 Datasheet HTML 63Page - Texas Instruments AFEX8201 Datasheet HTML 64Page - Texas Instruments AFEX8201 Datasheet HTML 65Page - Texas Instruments AFEX8201 Datasheet HTML 66Page - Texas Instruments AFEX8201 Datasheet HTML 67Page - Texas Instruments AFEX8201 Datasheet HTML 68Page - Texas Instruments AFEX8201 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 95 page
background image
7.6.1.17 TEMP_THRESHOLD Register (Offset = 14h) [Reset = FF00h]
Return to the Register Map.
Table 7-29. TEMP_THRESHOLD Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
Hi
R/W
FFh
High Threshold for Channel TEMP {[11:4],4b1111}
This value is compared (>) against TEMP data bits[11:0].
7-0
Lo
R/W
0h
Low Threshold for Channel TEMP {[11:4],4b0000}
This value is compared (<) against TEMP data bits[11:0].
7.6.1.18 UBM Register (Offset = 16h) [Reset = 0000h]
Return to the Register Map.
Table 7-30. UBM Register Field Descriptions
Bit
Field
Type
Reset
Description
15-1
RESERVED
R
0h
0
REG_MODE
R/W
0h
Register Mode
Configure the rest of the Register Map to be accessed by UART
break mode (UBM) or SPI. This register can only be written by the
UART Break communication.
0h = SPI Mode (default)
1h = UART Break Mode
7.6.1.19 SCRATCH Register (Offset = 18h) [Reset = FFFFh]
Return to the Register Map.
Table 7-31. SCRATCH Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
DATA
R/W
FFFFh
Scratch Data
Data written is read back as the inverted value.
For example, writing 0xAAAA is read back as 0x5555.
7.6.1.20 CHIP_ID_LSB Register (Offset = 19h)
Return to the Register Map.
Table 7-32. CHIP ID LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
ID
R
Unique part number within each lot
7.6.1.21 CHIP_ID_MSB Register (Offset = 1Ah)
Return to the Register Map.
Table 7-33. CHIP ID MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
ID
R
Encoded lot identification number
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com