Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 60 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 56Page - Texas Instruments AFEX8201 Datasheet HTML 57Page - Texas Instruments AFEX8201 Datasheet HTML 58Page - Texas Instruments AFEX8201 Datasheet HTML 59Page - Texas Instruments AFEX8201 Datasheet HTML 60Page - Texas Instruments AFEX8201 Datasheet HTML 61Page - Texas Instruments AFEX8201 Datasheet HTML 62Page - Texas Instruments AFEX8201 Datasheet HTML 63Page - Texas Instruments AFEX8201 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
7.6.1.5 DAC_GAIN Register (Offset = 4h) [Reset = 8000h]
Return to the Register Map.
Table 7-17. DAC_GAIN Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
GAIN
R/W
8000h
Gain
Set the gain of the DAC output from 0.5 – 1.499985.
For example:
0000h = 0.5
8000h = 1.0 (default)
FFFFh = 1.499985
7.6.1.6 DAC_OFFSET Register (Offset = 5h) [Reset = 0000h]
Return to the Register Map.
Table 7-18. DAC_OFFSET Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
OFFSET
R/W
0h
Offset
Adjust the offset of the DAC output, 2's complement number.
For example:
0000h = 0 (default)
FFFFh = –1
7.6.1.7 DAC_CLR_CODE Register (Offset = 6h) [Reset = 0000h]
Return to the Register Map.
Table 7-19. DAC_CLR_CODE Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
CODE
R/W
0h
CLEAR State DAC Code
DAC code applied in the CLEAR state. See Section 7.3.1.6.
7.6.1.8 RESET Register (Offset = 7h) [Reset = 0000h]
Return to the Register Map.
Table 7-20. RESET Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-0
SW_RST
WSC
0h
Software Reset
Write ADh to initiate software reset.
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
60
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com