Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 64 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 60Page - Texas Instruments AFEX8201 Datasheet HTML 61Page - Texas Instruments AFEX8201 Datasheet HTML 62Page - Texas Instruments AFEX8201 Datasheet HTML 63Page - Texas Instruments AFEX8201 Datasheet HTML 64Page - Texas Instruments AFEX8201 Datasheet HTML 65Page - Texas Instruments AFEX8201 Datasheet HTML 66Page - Texas Instruments AFEX8201 Datasheet HTML 67Page - Texas Instruments AFEX8201 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
7.6.1.14 WDT Register (Offset = 11h) [Reset = 0018h]
Return to the Register Map.
Table 7-26. WDT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-6
RESERVED
R
0h
5-3
WDT_UP
R/W
3h
Watchdog Timer (WDT) Upper Limit
If the WDT is enabled and the timer exceeds the programmed value,
a WDT error is asserted. All times are based on 1200-Hz clock
(1.2288 MHz / 1024).
0h = 53 ms (64 clocks)
1h = 106 ms (128 clocks)
2h = 427 ms (512 clocks)
3h = 853 ms (1024 clocks, default)
4h = 1.7 s (2048 clocks)
5h = 2.56 s (3072 clocks)
6h = 3.41 s (4096 clocks)
7h = 5.12 s (6144 clocks)
2-1
WDT_LO
R/W
0h
WDT Lower Limit
If the WDT is enabled and the WDT Lower Limit is enabled, then
only a write to this register resets the WDT timer. If the write occurs
before the WDT Lower Limit time, or after the WDT Upper Limit
time, then a WDT error is asserted. If WDT Lower Limit is disabled,
then a write to any register resets the timer. This is true for both
SPI and UART Break modes. All times are based on 1200-Hz clock
(1.2288 MHz / 1024).
0h = Disabled (default)
1h = 53 ms (64 clocks)
2h = 106 ms (128 clocks)
3h = 427 ms (512 clocks)
0
WDT_EN
R/W
0h
WDT Enable
0h = Disabled (default); 1h = Enabled
7.6.1.15 AIN0_THRESHOLD Register (Offset = 12h) [Reset = FF00h]
Return to the Register Map.
Table 7-27. AIN0_THRESHOLD Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
Hi
R/W
FFh
High Threshold for Channel AIN0 {[11:4],4b1111}
This value is compared (>) against AIN0 data bits[11:0].
7-0
Lo
R/W
0h
Low Threshold for Channel AIN0 {[11:4],4b0000}
This value is compared (<) against AIN0 data bits[11:0].
7.6.1.16 AIN1_THRESHOLD Register (Offset = 13h) [Reset = FF00h]
Return to the Register Map.
Table 7-28. AIN1_THRESHOLD Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
Hi
R/W
FFh
High Threshold for Channel AIN1 {[11:4],4b1111}
This value is compared (>) against AIN1 data bits[11:0].
7-0
Lo
R/W
0h
Low Threshold for Channel AIN1 {[11:4],4b0000}
This value is compared (<) against AIN1 data bits[11:0].
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com