Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 28 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 24Page - Texas Instruments AFEX8201 Datasheet HTML 25Page - Texas Instruments AFEX8201 Datasheet HTML 26Page - Texas Instruments AFEX8201 Datasheet HTML 27Page - Texas Instruments AFEX8201 Datasheet HTML 28Page - Texas Instruments AFEX8201 Datasheet HTML 29Page - Texas Instruments AFEX8201 Datasheet HTML 30Page - Texas Instruments AFEX8201 Datasheet HTML 31Page - Texas Instruments AFEX8201 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 95 page
background image
7.3.1.6 DAC Register Structure and CLEAR State
The AFE88201 DAC has a 16-bit voltage output, and the AFE78201 DAC has a 14-bit voltage output. The output
range is 0 V to 2.5 V.
The AFEx8201 provide the option to quickly set the DAC output to the value set in the DAC_CLR_CODE register
without writing to the DAC_DATA register, referred to as the CLEAR state. For register details, see Table 7-16.
Transitioning from the DAC_DATA to the DAC_CLR_CODE is synchronous to the clock. If slew mode is enabled,
the output slews during the transition. Figure 7-7 shows the full AFEx8201 DAC_DATA signal path. The devices
synchronize the DAC_DATA code to the internal clock, causing up to 2.5 internal clock cycles of latency (2 μs)
with respect to the rising edge of CS or the end of a UBM command. Update DAC_GAIN and DAC_OFFSET
values when DAC_CFG.SR_EN = 0 to avoid an IRQ pulse generated by SR_BUSY.
Set the DAC to CLEAR state either by:
1. Setting DAC_CFG.CLR.
2. Configuring the DAC to transition to the CLEAR state in response to an alarm condition.
3. Using the SDI pin in UBM or the SCLR pin in SPI mode as the CLEAR state input pin.
Method 1 is a direct command to the AFEx8201 to set the DAC to CLEAR state. Set the DAC_CFG.CLR bit to
1h to set the DAC to CLEAR state.
Method 2 is controlled by settings of ALARM_ACT register. For details of conditions and other masks required to
use this method, see Table 7-25 and Section 7.3.3.2.
Method 3 supports setting the DAC to CLEAR state without writing to the AFEx8201. This pin-based DAC
CLEAR state function is available in SPI mode on the SCLR pin, or in UBM on the SDI pin. The SCLR pin must
be tied to GND in UBM. For details of connection options based on communication modes and pins used in each
mode, see Section 7.5.1. Set the appropriate pin high to drive the DAC to CLEAR state.
+
+
DAC_DATA
Register 01h
DAC_CLR_CODE
Register 06h
0
1
DAC_CFG.CLR Register 03h (Method 1)
ALARM_ACT Register 10h (Method 2)
Clear Input Pin (Method 3)
DAC_GAIN
Register 04h
DAC_OFFSET
Register 05h
DAC_CODE
DAC_CFG.SR_MODE
DAC_CFG.SR_STEP
DAC_CFG.SR_CLK
Register 03h
0
1
DAC_OUT
Slew Rate: Mode, Step
Size, and Clock Timing
DAC_CFG.SR_EN
Register 03h
Slew Enable
Figure 7-7. DAC Data Path
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com