Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 56 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 52Page - Texas Instruments AFEX8201 Datasheet HTML 53Page - Texas Instruments AFEX8201 Datasheet HTML 54Page - Texas Instruments AFEX8201 Datasheet HTML 55Page - Texas Instruments AFEX8201 Datasheet HTML 56Page - Texas Instruments AFEX8201 Datasheet HTML 57Page - Texas Instruments AFEX8201 Datasheet HTML 58Page - Texas Instruments AFEX8201 Datasheet HTML 59Page - Texas Instruments AFEX8201 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 95 page
background image
Table 7-11. Register Map (continued)
ADDR
(HEX)
REGISTER
BIT DESCRIPTION
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
20h
ALARM_
STATUS
GEN_
IRQ
RESERVED
SD_FLT
OSC_FAIL
CRC_CNT [1:0]
OTP_
LOADEDn
OTP_
CRC_ERR
CRC_FLT
WD_FLT
VREF_FLT
ADC_
AIN1_FLT
ADC_
AIN0_FLT
ADC_
TEMP_
FLT
THERM_
ERR_FLT
THERM_
WARN_
FLT
21h
GEN_
STATUS
ALARM_
IRQ
RESERVED
OTP_
BUSY
RBIST_
MODE
RBIST_
DONE
RBIST_
FAIL
RESET
SR_
BUSYn
ADC_
EOC
ADC_
BUSY
PVDD_HI
BREAK_
FRAME_
ERR
BREAK_
PARITY_
ERR
UART
_FRAME
_ERR
UART_
PARITY_
ERR
23h
ADC_FLAGS
RESERVED
SD4_FAIL
SD3_FAIL
SD2_FAIL
SD1_FAIL
SD0_FAIL
TEMP_
FAIL
AIN1_
FAIL
AIN0_
FAIL
RESERVED
24h
ADC_AIN0
RESERVED
DATA [11:0]
25h
ADC_AIN1
RESERVED
DATA [11:0]
26h
ADC_TEMP
RESERVED
DATA [11:0]
27h
ADC_SD_MUX
RESERVED
DATA [11:0]
28h
ADC_OFFSET
RESERVED
DATA [11:0]
2Ch
DAC_OUT
DATA [15:0]
2Dh
ADC_OUT
RESERVED
DATA [11:0]
2Eh
ADC_BYP
DATA_
BYP_EN
OFST_
BYP_EN
DIS_GND_
SAMP
RESERVED
DATA [11:0]
2Fh
FORCE_FAIL
CRC_FLT
VREF_FLT
THERM_
ERR_FLT
THERM_
WARN_
FLT
RESERVED
SD4_HI_
FLT
SD4_LO_
FLT
SD3_HI_
FLT
SD3_LO_
FLT
SD2_HI_
FLT
SD2_LO_
FLT
SD1_HI_
FLT
SD1_LO_
FLT
SD0_HI_
FLT
SD0_LO_
FLT
3Bh
TIMER_CFG_0
RESERVED
CLK_SEL [1:0]
INVERT
ENABLE
3Ch
TIMER_CFG_1
PERIOD [15:0]
3Dh
TIMER_CFG_2
SET_TIME [15:0]
3Eh
CRC_RD
CRC [15:0]
3Fh
RBIST_CRC
CRC [15:0]
(1)
The SPECIAL_CFG register can only be reset with POR, and does not respond to the RESET pin or SW_RST command.
(2)
The UBM register can only be accessed with a UBM command.
AFE78201, AFE88201
SLASF44 – MAY 2023
www.ti.com
56
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com