Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 35 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 31Page - Texas Instruments AFEX8201 Datasheet HTML 32Page - Texas Instruments AFEX8201 Datasheet HTML 33Page - Texas Instruments AFEX8201 Datasheet HTML 34Page - Texas Instruments AFEX8201 Datasheet HTML 35Page - Texas Instruments AFEX8201 Datasheet HTML 36Page - Texas Instruments AFEX8201 Datasheet HTML 37Page - Texas Instruments AFEX8201 Datasheet HTML 38Page - Texas Instruments AFEX8201 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
7.3.2.8 ADC Bypass
To test the offset, modify the ADC data path by programming the bypass data register, ADC_BYP.DATA (2Eh).
This read/write register is used in two different ways.
First, by setting the ADC_BYP.OFST_BYP_EN to 1, this bypass data register is used as a substitute for the
ADC_OFFSET. However, if the ADC_BYP.DATA data must be stored in the ADC_OFFSET register, use the
second method.
Second, the ADC_BYP.DATA is used to set a known value into the ADC readback register of the channel being
converted. Write the desired data into ADC_BYP.DATA, set the ADC_BYP.DATA_BYP_EN bit, and convert the
selected channel. When ADC_BYP.DATA_BYP_EN bit is set to 1, the ADC conversion is bypassed, and the
value of ADC_BYP.DATA is written into the selected ADC channel readback register. This setting is used to test
the alarm settings of the ADC.
When the ADC bypass is unused, set the ADC_BYP.DATA to 000h.
Figure 7-11 shows the ADC bypass data flow.
ADC_BYP.DATA
Register 2Eh
0
1
0
1
ADC_OFFSET
Register 28h
ADC_AIN0
Register 24h
ADC_AIN1
Register 25h
ADC_TEMP
Register 26h
ADC_SD_MUX
Register 27h
+
+
ADC_BYP.
OFST_BYP_EN
Register 2Eh
ADC_BYP.
DATA_BYP_EN
Register 2Eh
ADC Data
From ADC MUX
ADC.
ADC_OUT
Register 2Dh
ADC
MUX
07FFh – OFFSET
Stored as 2’s Complement
CCS Pointer
Read and Writeable
for Testing
Figure 7-11. ADC Bypass Data Flow
7.3.3 Programmable Out-of-Range Alarms
The AFEx8201 are capable of continuously analyzing the supplies, external ADC inputs, DAC output voltage,
reference, internal temperature, and other internal signals for normal operation.
Normal operation for the conversion results is established through the lower- and upper-threshold registers.
When any of the monitored inputs are out of the specified range, the corresponding alarm bit in the alarm status
registers is set.
The alarm bits in the alarm status registers are latched. The alarm bits are referred to as being latched because
the alarm bits remain set until read by software. This design makes sure that out-of-limit events cannot be
missed if the software is polling the device periodically. All bits are cleared when reading the alarm status
registers, and all bits are reasserted if the out-of limit condition still exists on the next monitoring cycle. When the
alarm event is cleared, the DAC is reloaded with the contents of the DAC active registers, which allows the DAC
outputs to return to the previous operating point without any additional commands
All alarms can be used to generate a hardware interrupt signal on the ALARM pin; see also Section 7.3.3.1. In
addition, Section 7.3.3.2 describes how the alarm action can be individually configured for each alarm.
www.ti.com
AFE78201, AFE88201
SLASF44 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: AFE78201 AFE88201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com