Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8201 Datasheet(PDF) 92 Page - Texas Instruments

Part # AFEX8201
Description  AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8201 Datasheet(HTML) 92 Page - Texas Instruments

Back Button AFEX8201 Datasheet HTML 87Page - Texas Instruments AFEX8201 Datasheet HTML 88Page - Texas Instruments AFEX8201 Datasheet HTML 89Page - Texas Instruments AFEX8201 Datasheet HTML 90Page - Texas Instruments AFEX8201 Datasheet HTML 91Page - Texas Instruments AFEX8201 Datasheet HTML 92Page - Texas Instruments AFEX8201 Datasheet HTML 93Page - Texas Instruments AFEX8201 Datasheet HTML 94Page - Texas Instruments AFEX8201 Datasheet HTML 95Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 92 / 95 page
background image
www.ti.com
PACKAGE OUTLINE
4.1
3.9
4.1
3.9
0.7
0.6
0.01
0.00
2X 2.5
20X 0.5
2X 2.5
24X
0.6
0.4
24X
0.3
0.2
(0.2) TYP
24X (0.18)
(0.1) TYP
(0.663)
(0.25)
UQFN - 0.7 mm max height
RRU0024A
PLASTIC QUAD FLATPACK - NO LEAD
4225850/A 04/2020
0.08 C
0.1
C A B
0.05
C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
0.05 C
SEATING PLANE
0.01 C
PIN 1 ID
SYMM
SYMM
1
6
7
12
13
18
19
24
7X (45 X 0.087)
SCALE 3.000
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com